Electronic Components Datasheet Search
  English  ▼

X  

IAM81008 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # IAM81008
Description  Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/IF Amp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

IAM81008 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  IAM81008 Datasheet HTML 1Page - Agilent(Hewlett-Packard) IAM81008 Datasheet HTML 2Page - Agilent(Hewlett-Packard) IAM81008 Datasheet HTML 3Page - Agilent(Hewlett-Packard) IAM81008 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
7-121
IAM-81008 Typical Performance, T
A = 25°C, VCC = 5 V
RF: –20 dBm at 2 GHz, LO: –5 dBm at 1.75 GHz
(unless otherwise noted)
–10
–5
0
5
0
02
4
6
8
10
10
20
30
0
5
10
15
VCC (V)
Figure 1. Conversion Gain, IF P1 dB
and ICC Current vs. VCC Bias Voltage.
ICC
GC
P1 dB
–10
–5
0
5
5
–55
–25
+25
+85
+125
10
15
20
0
5
10
15
TEMPERATURE (°C)
Figure 2. Conversion Gain, IF P1 dB
and ICC Current vs. Case Temperature.
GC
P1 dB
ICC
–5
0
5
10
0.1
0.2
0.5
1.0
2.0
5.0
10
RF FREQUENCY (GHz)
Figure 3. Typical RF to IF Conversion
Gain vs. RF Frequency, TA = 25°C
(Low Side LO).
1:1
2:1
3:1
4:1
0.1
1.0
10
FREQUENCY (GHz)
Figure 4. RF, LO and IF Port VSWR
vs. Frequency.
0
2
4
6
8
10
–15
–5
0
–10
5
LO POWER (dBm)
Figure 5. RF to IF Conversion Gain
vs. LO Power.
IF = 70 MHz
IF = 1 GHz
RF
LO
IF
–40
–30
–20
–10
0
0.1
1.0
10
FREQUENCY (GHz)
Figure 7. RF Feedthrough Relative to
IF Carrier, dBm LO to RF and IF
Leakage vs. Frequency.
0.01
0.1
1.0
2.0
FREQUENCY, RF–LO (GHz)
Figure 6. RF to IF Conversion Gain
vs. IF Frequency.
–2
0
2
4
6
8
10
0
1
23
45
HARMONIC RF ORDER
Xmn = Pif – P(m*rf – n*lo)
Figure 8. Harmonic Intermodulation
Suppression (dB Below Desired Output)
RF at 1 GHz, LO at 0.752 GHz, IF at 0.248 GHz.
—
18
16
42
29
45
21
0
35
20
44
36
35
45
42
44
52
57
74
48
72
59
64
64
>75
>75
>75
>75
>75
>75
>75
>75
>75
>75
>75
>75
0
1
2
3
4
5
LO = 2 GHz
High Side LO
Low Side LO
RF to IF
LO to IF
LO to RF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com