Electronic Components Datasheet Search
  English  ▼

X  

AWSCR-MTD Datasheet(PDF) 1 Page - Abracon Corporation

Part # AWSCR-MTD
Description  4.7 x 4.1mm BUILT-IN CAPACITANCE CERAMIC RESONATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AWSCR-MTD Datasheet(HTML) 1 Page - Abracon Corporation

  AWSCR-MTD Datasheet HTML 1Page - Abracon Corporation AWSCR-MTD Datasheet HTML 2Page - Abracon Corporation AWSCR-MTD Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4.7 x 4.1mm BUILT-IN CAPACITANCE CERAMIC RESONATOR
|||||||||||||| |
AWSCR-MTD
STANDARD SPECIFICATIONS:
OPTIONS AND PART IDENTIFICATION:
APPLICATIONS:
FEATURES:
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 09.12.10
Visit www.abracon.com for Terms & Conditions of Sale
RoHS
Compliant
Pb in ceramic
(exempt per RoHS 2002/95/EC Annex (7))
TEST CIRCUIT:
• Built-in load capacitors
• IR reflow capable
• Low resonant impedance
• Consumer electronics
t
* Please contact ABRACON for tighter stability
and/or wider temperature range
*
±0.3% max. (10 years)
Storage Temperature
Aging Rate (Fosc)
t
n
e
m
e
ri
u
q
e
R
m
e
tI
Frequency Range
6.00MHz to 50.00MHz
-55oC to +85oC
15 Vp-p. max
Withstanding Voltage (V)
50 (DC , 1 min)
Frequency Tolerance
± 0.5%
±0.4% (6.00 MHz~13.00 MHz)
Frequency Stability
max. (-25ºC to +85ºC)
Resonant Impedance
See Table 2.1
Rating Voltage
(1) D.C.Voltage
6 V.D.C. max
(2) A.C. Voltage
Insulation Resistance
100MΩ min. (10V, 1min)
Operation Temperature
±0.3% (13.01 MHz~50.00 MHz)
-25ºC to +85ºC
*
Table 2.1
22pF ±20%
10pF ±20%
5pF ±20%
13.01 MHz - 16.00 MHz
40
6.00 MHz - 13.00 MHz
30
Frequency Range
(MHz)
Resonant Impedance
(Ro)((Ω
Ω))
16.01 MHz - 25.99 MHz
26.00 MHz - 50.00 MHz
40
40
22pF ±20%
Standard Built-in Capacitance
C1=C2 (pF)
AWSCR - XX.XXMTD - C
-
Load Capacitance
Packaging
Frequency in MHz
T for Tape and Reel
(1,000pcs/reel)
Contact ABRACON for Load
Capacitance options
Frequency
4.7 x 4.1mm
AWSCR-MTD
AWSCR-MTD
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Parts shall be measured under a condition
(Temp.: 20±15°C, Humidity: 65±20% R.H.)
unless the standard condition
(Temp: 25±3°C, Humidity: 65±10% R.H.)
is regulated to measure
Built-in Capacitance
See Table 2.1
X: Ceramic Resonator
1.Input 2.Ground 3.Output


Similar Part No. - AWSCR-MTD

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AWSCR-MT ABRACON-AWSCR-MT Datasheet
364Kb / 3P
INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
07.25.07
More results

Similar Description - AWSCR-MTD

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AWSCR-ME ABRACON-AWSCR-ME Datasheet
200Kb / 2P
INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
07.26.07
AWSCR_CV ABRACON-AWSCR_CV Datasheet
1Mb / 3P
3.7 x 3.1mm BUILT-IN CAPACITANCE CERAMIC RESONATOR
09.13.10
AWSZT-MXD ABRACON-AWSZT-MXD Datasheet
1Mb / 2P
4.7 x 4.1mm SMD CERAMIC RESONATOR
09.13.10
AWCR-2.00MD ABRACON-AWCR-2.00MD Datasheet
2Mb / 3P
LEADED BUILT-IN CAPACITANCE CERAMIC RESONATOR
05.07.13
AWCR-10.00MD ABRACON-AWCR-10.00MD Datasheet
2Mb / 3P
LEADED BUILT-IN CAPACITANCE CERAMIC RESONATOR
05.07.13
AWCR-16.00MD ABRACON-AWCR-16.00MD Datasheet
2Mb / 3P
LEADED BUILT-IN CAPACITANCE CERAMIC RESONATOR
05.07.13
AWCR-20.00MD ABRACON-AWCR-20.00MD Datasheet
2Mb / 3P
LEADED BUILT-IN CAPACITANCE CERAMIC RESONATOR
05.07.13
AWSCR-25.00MTD-T ABRACON-AWSCR-25.00MTD-T Datasheet
1Mb / 3P
4.7 x 4.1mm BUILT-IN CAPACITANCE CERAMIC RESONATOR
09.12.10
AWSZT-16.00MXD-T ABRACON-AWSZT-16.00MXD-T Datasheet
1Mb / 2P
4.7 x 4.1mm SMD CERAMIC RESONATOR
09.13.10
AWSZT-24.00MXD-T ABRACON-AWSZT-24.00MXD-T Datasheet
1Mb / 2P
4.7 x 4.1mm SMD CERAMIC RESONATOR
09.13.10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com