Electronic Components Datasheet Search
  English  ▼

X  

AWSCR-MTD Datasheet(PDF) 2 Page - Abracon Corporation

Part # AWSCR-MTD
Description  4.7 x 4.1mm BUILT-IN CAPACITANCE CERAMIC RESONATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AWSCR-MTD Datasheet(HTML) 2 Page - Abracon Corporation

  AWSCR-MTD Datasheet HTML 1Page - Abracon Corporation AWSCR-MTD Datasheet HTML 2Page - Abracon Corporation AWSCR-MTD Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
4.7 x 4.1mm BUILT-IN CAPACITANCE CERAMIC RESONATOR
|||||||||||||| |
AWSCR-MTD
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 09.12.10
Visit www.abracon.com for Terms & Conditions of Sale
RoHS
Compliant
Pb in ceramic
(exempt per RoHS 2002/95/EC Annex (7))
TAPE & REEL: (1,000pcs/reel)
RECOMMENDED LAND PATTERN
Dimension : mm
Dimension : mm
OUTLINE DRAWING:
φ
A
φ
B
W
T
Pieces per reel Carrier tape size
180±3 60min 12.4min 19.4max
1000typ.
12
Blank Pocket
10 Pitches
Loaded Pocket
Blank Pocket
10 Pitches
Leader
200mm Max
Peeling Stren
gth 20-7
0g
Carrier Tape
Top Tape
10 max
4.7 x 4.1mm
AWSCR-MTD
AWSCR-MTD
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com