Electronic Components Datasheet Search
  English  ▼

X  

LM3916 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3916
Description  Dot/Bar Display Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3916 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM3916 Datasheet HTML 7Page - National Semiconductor (TI) LM3916 Datasheet HTML 8Page - National Semiconductor (TI) LM3916 Datasheet HTML 9Page - National Semiconductor (TI) LM3916 Datasheet HTML 10Page - National Semiconductor (TI) LM3916 Datasheet HTML 11Page - National Semiconductor (TI) LM3916 Datasheet HTML 12Page - National Semiconductor (TI) LM3916 Datasheet HTML 13Page - National Semiconductor (TI) LM3916 Datasheet HTML 14Page - National Semiconductor (TI) LM3916 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Application Hints (Continued)
Peak Program Meter
The VU meter, originally intended for signals sent via tele-
phone lines, has shortcomings when used in high fidelity
systems. Due to its slow response time, a VU meter will not
accurately display transients that can saturate a magnetic
tape or drive an amplifier into clipping. The fast-attack peak
program meter (PPM) which does not have this problem is
becoming increasingly popular.
While several European organizations have specifications
for peak program meters, the German DIN specification
45406 is becoming a de facto standard. Rather than respond
instantaneously to peak, however, PPM specifications re-
quire a finite “integration time” so that only peaks wide
enough to be audible are displayed. DIN 45406 calls for a re-
sponse of 1 dB down from steady-state for a 10 ms tone
burst and 4 dB down fora3ms tone burst. These require-
ments are consistent with the other frequently encountered
spec of 2 dB down fora5ms burst and are met by an attack
time constant of 1.7 ms.
The specified return time of 1.5s to −20 dB requires a
650 ms decay time constant. The full-wave peak detector of
Figure 6 satisfies both the attack and decay time criteria.
Cascading The LM3916
The LM3916 by itself covers the 23 dB range of the conven-
tional VU meter. To display signals of 40 dB or 70 dB dy-
namic range, the LM3916 may be cascaded with the 3 dB/
step LM3915s. Alternatively, two LM3916s may be cascaded
for increased resolution over a 28 dB range. Refer to the Ex-
tended Range VU Meter and High Resolution VU Meter in
the Typical Applications section for the complete circuits for
both dot and bar mode displays.
To obtain a display that makes sense when an LM3915 and
an LM3916 are cascaded, the −20 dB output from the
LM3916 is dropped. The full-scale display for the LM3915 is
set at 3 dB below the LM3916’s −10 dB output and the rest
of the thresholds continue the 3 dB/step spacing. A simple,
low cost approach is to set the reference voltage of the two
chips 16 dB apart as in
Figure 5. The LM3915, with pin 8
grounded, runs at 1.25V full-scale. R1 and R2 set the
LM3916’s reference 16 dB higher or 7.89V. Variation in the
two on-chip references and resistor tolerance may cause a
±1 dB error in the −10 dB to −13 dB transition. If this is ob-
jectionable, R2 can be trimmed.
The drawback of the aforementioned approach is that the
threshold of LED #1 on the LM3915 is only 56 mV. Since
comparator offset voltage may be as high as 10 mV, large er-
rors can occur at the first few thresholds. A better approach,
as shown in
Figure 9, is to keep the reference the same for
DS007971-14
Design Equations
GAIN
R5
R6
C2
C3
1
100k
43k
2.0
0.56 µF
10
1M
100k
1.0
0.056 µF
FIGURE 7. Full-Wave Average Detector to VU Meter Specifications*
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com