Electronic Components Datasheet Search
  English  ▼

X  

LM3916 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3916
Description  Dot/Bar Display Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3916 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM3916 Datasheet HTML 10Page - National Semiconductor (TI) LM3916 Datasheet HTML 11Page - National Semiconductor (TI) LM3916 Datasheet HTML 12Page - National Semiconductor (TI) LM3916 Datasheet HTML 13Page - National Semiconductor (TI) LM3916 Datasheet HTML 14Page - National Semiconductor (TI) LM3916 Datasheet HTML 15Page - National Semiconductor (TI) LM3916 Datasheet HTML 16Page - National Semiconductor (TI) LM3916 Datasheet HTML 17Page - National Semiconductor (TI) LM3916 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Application Hints (Continued)
Other Applications
For increased resolution, it’s possible to obtain a display with
a smooth transition between LEDs. This is accomplished by
superimposing an AC waveform on top of the input level as
shown in
Figure 14. The signal can be a triangle, sawtooth or
sine wave from 60 Hz to 1 kHz. The display can be run in ei-
ther dot or bar mode.
DS007971-19
5mA
≤ ILED ≤ 28 mA
VREF = 5V
FIGURE 12. Independent Adjustment of Reference Voltage and LED Intensity for Multiple Drivers
DS007971-20
1.25V
≤ VREF ≤ 10V
1.5 mA
≤ ILED ≤ 25 mA
Optional circuit for improved intensity matching at low currents. See text.
FIGURE 13. Wide-Range Adjustment of Reference Voltage and LED intensity for Multiple Drivers
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com