Electronic Components Datasheet Search
  English  ▼

X  

6VM2S Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 6VM2S
Description  Slim Power Entry Module Family with Multiple Options
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

6VM2S Datasheet(HTML) 2 Page - TE Connectivity Ltd

  6VM2S Datasheet HTML 1Page - TE Connectivity Ltd 6VM2S Datasheet HTML 2Page - TE Connectivity Ltd 6VM2S Datasheet HTML 3Page - TE Connectivity Ltd 6VM2S Datasheet HTML 4Page - TE Connectivity Ltd 6VM2S Datasheet HTML 5Page - TE Connectivity Ltd 6VM2S Datasheet HTML 6Page - TE Connectivity Ltd 6VM2S Datasheet HTML 7Page - TE Connectivity Ltd 6VM2S Datasheet HTML 8Page - TE Connectivity Ltd 6VM2S Datasheet HTML 9Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
184
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
M Series
Slim Power Entry Module Family with Multiple Options (continued)
Non-Filtered Models
Voltage
Selections
Flange Mount
Snap-In
1
6VM1
6VM1S
6VM1C
6VM1SC
2
6VM2
6VM2S
4
6VM4
6VM4S
6VM4C
6VM4SC
General Purpose Filters
1
5EFM1
5EFM1S
5EFM1C
5EFM1SC
4
5EFM4
5EFM4S
5EFM4C 5EFM4SC
Medical Filters
1
5EHM1
5EHM1S
4
5EHM4
5EHM4S
High Performance - FCC-B
1
3EXM1S
4
3EXM4
3EXM4S
Premium Performance - EN55022-B
1
3EZM1S
4
3EZM4
3EZM4S
Available Part Numbers
Accessories
Maximum leakage current each Line to Ground:
HM
FM
XM/ZM
@ 120 VAC 60 Hz:
2
A
.25 mA
.30 mA
@250 VAC 50 Hz:
5
A
.50 mA
.50 mA
Hipot rating (one minute):
Line to Ground:
2250 VDC
Line to Line:
1450 VDC
Line to Load (switch off) non-filtered:
2500 VAC
Rated Voltage (max.):
250VAC
Operating Frequency:
50/60 Hz
Rated Current @ 120 VAC:
3 to 6A
Rated Current @ 250 VAC:
3A models:
2A
5A models:
4A
6A Switched models:
5A
6A non-switched models:
6A
Required Fuse(s):
Reversible fuseholder accepts
one .25 x 1.25” (not included)
or two 5 x 20mm (not included)
Switch:
DPST
100,000 operations at 70A max. inrush
Specifications
GA400: NEMA 5-15P to IEC 60320-1 C-13 line cord
MA100: Power interconnect assembly
For voltage select models. 8.5” wire leads
MA101: Plug only
MA102: Strip of 100 pins for use with MA101
MA104: Individual pins for use with MA101
MA400: Medical safety bracket assembly
Prevents inadvertent removal of fuse(s)
MA401: Bracket only
MA402: Standoff only
0
1
0
MA302: Two Voltage Selection Card
Marked 120V/240V. One card comes standard with
every 2 voltage M series module
MA304: Four Voltage Selection Card
Marked 100V/120V/230V/240V. One card comes
standard with every 4 voltage M series module



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com