Electronic Components Datasheet Search
  English  ▼

X  

6VM2S Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part # 6VM2S
Description  Slim Power Entry Module Family with Multiple Options
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

6VM2S Datasheet(HTML) 6 Page - TE Connectivity Ltd

  6VM2S Datasheet HTML 1Page - TE Connectivity Ltd 6VM2S Datasheet HTML 2Page - TE Connectivity Ltd 6VM2S Datasheet HTML 3Page - TE Connectivity Ltd 6VM2S Datasheet HTML 4Page - TE Connectivity Ltd 6VM2S Datasheet HTML 5Page - TE Connectivity Ltd 6VM2S Datasheet HTML 6Page - TE Connectivity Ltd 6VM2S Datasheet HTML 7Page - TE Connectivity Ltd 6VM2S Datasheet HTML 8Page - TE Connectivity Ltd 6VM2S Datasheet HTML 9Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
M Series
Slim Power Entry Module Family with Multiple Options (continued)
188
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com










Case Styles - Filtered Models
Threaded
Insert
G
D
B
A
1.13
28.7
C
1.88
47.8
3.09
78.49
Max.
E
USE ONLY WITH
250V FUSES
DISCONNECT POWER
BEFORE REPLACING FUSES
*±.020 [.508]
*
*
3EXM1S & 3EZM1S










Threaded
Insert
G
D
B
A
1.13
28.7
C
1.88
47.8
3.09
78.49
Max.
E
USE ONLY WITH
250V FUSES
DISCONNECT POWER
BEFORE REPLACING FUSES
*±.020 [.508]
*
*
100V
120V
230V
240V
3EXM4 & 3EZM4










Threaded
Insert
G
D
B
A
1.17
29.7
C
1.88
47.8
3.09
78.49
Max.
E
USE ONLY WITH
250V FUSES
DISCONNECT POWER
BEFORE REPLACING FUSES
*±.020 [.508]
*
*
100V
120V
230V
240V
3EXM4S & 3EZM4S








C
E
USE ONLY WITH
250V FUSES
DISCONNECT POWER
BEFORE REPLACING FUSES
D
B
A
5EHM1 & 5EFM1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com