Electronic Components Datasheet Search
  English  ▼

X  

EMC Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # EMC
Description  Compact dual stage filter series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

EMC Datasheet(HTML) 3 Page - TE Connectivity Ltd

  EMC Datasheet HTML 1Page - TE Connectivity Ltd EMC Datasheet HTML 2Page - TE Connectivity Ltd EMC Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
EMC Series
Compact and Cost-effective Dual Stage RFI Power Line Filters (continued)
Performance Data
Typical Insertion Loss
3EMC
6EMC
10EMC
15EMC
20EMC
30EMC
Minimum Insertion Loss
26
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com



    
  

     


     

      


      

      


      
Common Mode / Asymmetrical (Line to Ground)
Differential Mode / Symmetrical (Line to Line)
Common Mode / Asymmetrical (L-G)
Differential Mode / Symmetrical (L-L)
Measured in closed 50 Ohm system



    
  

 
     

 
     

        

        

        

        
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com