Electronic Components Datasheet Search
  English  ▼

X  

EMC Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # EMC
Description  Compact dual stage filter series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

EMC Datasheet(HTML) 1 Page - TE Connectivity Ltd

  EMC Datasheet HTML 1Page - TE Connectivity Ltd EMC Datasheet HTML 2Page - TE Connectivity Ltd EMC Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Compact and Cost-effective Dual Stage RFI Power Line Filters
EMC Series
24
EMC Series
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
UL Recognized
CSA Certified
VDE Approved
• Compact dual stage filter series
• Cost-effective design
• Current rating up to 30A
• High differential mode attenuation in the
lower frequency range
• High common mode performance
• Suitable for switching mode power supplies
Ordering Information
10 EMC 1
Case Styles
1 – .250 [6.3] spade terminals
3 – Wire leads
6 – Threaded bolt
EMC Series
Current Rating
3, 6, 10, 15, 20 or 30A
Specifications
Electrical Schematic
LINE
LOAD
Available Part Numbers
Maximum leakage current each Line to Ground:
3, 6, 10A
15, 20, 30A
@ 120 VAC 60 Hz:
.21 mA
.73 mA
@250 VAC 50 Hz:
.43 mA
1.52 mA
Hipot rating (one minute):
Line to Ground:
2250 VDC
Line to Line:
1450 VDC
Rated Voltage (max):
250 VAC
Operating Frequency:
50/60 Hz
Rated Current:
3 to 30A
Operating Ambient Temperature Range
(at rated current Ir):
-10°C to +40°C
In an ambient temperature (Ta) higher than +40°C
the maximum operating current (Io) is calculated as
follows: Io = Ir (85-Ta)/45
3EMC1
10EMC3
6EMC1
15EMC3
10EMC1
10EMC6
15EMC1
15EMC6
20EMC1
20EMC6
3EMC3
30EMC6
6EMC3
EMC6
EMC1


Similar Part No. - EMC

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
EMC WELWYN-EMC Datasheet
59Kb / 3P
Pulse Withstanding Fusible Flameproof Metal Film Resistors
logo
3M Electronics
EMC 3M-EMC Datasheet
4Mb / 12P
3M™ EMI/EMC Electronic Materials
logo
TT Electronics.
EMC TTELEC-EMC Datasheet
518Kb / 4P
Pulse Withstanding Fusible Flameproof Metal Film Resistors
logo
CUI INC
EMC-03 CUI-EMC-03 Datasheet
574Kb / 4P
AC POWER LINE FILTER
01/12/2022
EMC-05A CUI-EMC-05A Datasheet
782Kb / 6P
AC POWER LINE FILTER
01/12/2022
More results

Similar Description - EMC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NMF3000 ONSEMI-NMF3000 Datasheet
86Kb / 10P
Dual-Stage, Differential Lines Filter
March, 2004 ??Rev. 1
logo
JDS Uniphase Corporatio...
OAA-18F1000C3 JDSU-OAA-18F1000C3 Datasheet
171Kb / 4P
Compact,Two-Stage Amplifier with Mid-Stage Access
logo
Tyco Electronics
3EMC1 MACOM-3EMC1 Datasheet
75Kb / 2P
Compact and Cost Effective Dual Stage RFI Power Line Filters
logo
Schurter Inc.
FMBC-0967-1010 SCHURTER-FMBC-0967-1010 Datasheet
621Kb / 5P
Compact 2-stage bookform filter
FMW4-65 SCHURTER-FMW4-65 Datasheet
327Kb / 2P
Compact 1-stage filter for 3-phase systems with neutral conductor
FMW4-81 SCHURTER-FMW4-81 Datasheet
441Kb / 2P
Compact 2-stage filter for 3-phase systems with neutral conductor
FMW-52 SCHURTER-FMW-52 Datasheet
412Kb / 2P
AC Filter 2-Stage
logo
Tyco Electronics
3EMC1 MACOM-3EMC1_11 Datasheet
242Kb / 3P
Compact and Cost-effective Dual Stage RFI Power Line Filters
logo
TE Connectivity Ltd
EP1 TEC-EP1 Datasheet
214Kb / 3P
Dual stage filter offers high insertion loss
logo
Schurter Inc.
FMW4-81 SCHURTER-FMW4-81_V01 Datasheet
278Kb / 3P
Compact 2-stage filter for 3-phase systems with neutral conductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com