Electronic Components Datasheet Search
  English  ▼

X  

60DCB6F Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 60DCB6F
Description  RFI Power Line Filters for DC Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

60DCB6F Datasheet(HTML) 4 Page - TE Connectivity Ltd

  60DCB6F Datasheet HTML 1Page - TE Connectivity Ltd 60DCB6F Datasheet HTML 2Page - TE Connectivity Ltd 60DCB6F Datasheet HTML 3Page - TE Connectivity Ltd 60DCB6F Datasheet HTML 4Page - TE Connectivity Ltd 60DCB6F Datasheet HTML 5Page - TE Connectivity Ltd 60DCB6F Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DC Series
RFI Power Line Filters for DC Applications (continued)
Case Styles
DCB6 & DCB6B
DCF6
DCF6B
DCB10 & DCB10B (15 to 30A)
F
D
B
A
E
C
L
I
N
E
L
O
A
D
-VDC
RTN
VDC
RTN
-VDC
RTN
Tapped insert: 6-32 (4)
A
D
E
F
C
B
L
I
N
E
L
O
A
D
B
A
C
D
E
F
L
I
N
E
L
O
A
D
-VDC
RTN
-VDC
RTN
Tapped insert: 6-32 (4)
F
D
A
C
B
E
L
I
N
E
L
O
A
D
-VDC
RTN
-VDC
RTN
Tapped insert: 6-32 (4)



 




 

DCB10 & DCB10B (60 to 125A)
DCF10 (15 & 30A)
DCF10 (60 to 125A)
DCF10B (15 & 30A)
F
D
A
C
B
E
L
I
N
E
L
O
A
D
Tapped insert: 6-32 (4)
A
D
E
F
C
B
L
I
N
E
L
O
A
D
RTN
-VDC
RTN
-VDC
A
D
E
F
C
B
L
I
N
E
L
O
A
D
RTN
-VDC
RTN
-VDC
B
A
C
D
E
F
-VDC
RTN
-VDC
RTN
L
I
N
E
L
O
A
D
Tapped insert: 6-32 (4)






 


 
220
Corcom Product Guide
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com