Electronic Components Datasheet Search
  English  ▼

X  

AE505 Datasheet(PDF) 1 Page - RFHIC

Part # AE505
Description  Low Noise Amplifier for
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE505 Datasheet(HTML) 1 Page - RFHIC

  AE505 Datasheet HTML 1Page - RFHIC AE505 Datasheet HTML 2Page - RFHIC AE505 Datasheet HTML 3Page - RFHIC AE505 Datasheet HTML 4Page - RFHIC AE505 Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
E-pHEMT MMIC
AE505
Korean Facilities : 82-31-8069-3036 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
1 / 5
Version 1.0
Product Features
Applications
• 30 ~ 2650MHz
• High Gain
• High linearity
• SOIC-8 SMD Type package
• Lower manufacturing cost
• -72dBc CSO 79 Channels @ +40dBmV/ch
• -65dBc CTB 79 Channels @ +40dBmV/ch
• Low Noise Amplifier for
CATV
• Cable Modem
• FTTH (G-PON, GE-PON)
• Optical node
• Repeater
• RF Sub-Systems
• Base Station
• Converter
Description
AE505 is designed as low cost drive amplifiers for many applications including FTTH, CATV System.
This MMIC is based on Gallium Arsenide Enhancement Mode pHEMT which shows low current draw and very low noise.
The data in this spec sheet is valid only for 75ohm application.
Electrical Specifications
PARAMETER
UNIT
MIN
TYP
MAX
CONDITION
Frequency
MHz
30
-
2650
-
Gain
dB
12
14
-
30 ~ 1000MHz
Gain Flatness
dB
-
1.5
-
30 ~ 1000MHz
Input Return Loss
dB
-
-13
-
-
Output Return Loss
dB
-
-15
-
-
Output IP3
dBm
38.5
41.5
-
@ 500MHz/10dBm 2tone
1dB Compression Point
dBm
21.5
24.5
-
@500MHz
Noise Figure
dB
-
3.4
4
@500MHz
CSO
30 ~ 1004MHz
dBc
-
-72
-
79 channel, Flat, +40dBmV/ch
CTB
dBc
-
-65
-
DC Current
mA
-
220
-
Vdd = 5.0V
Note
1. Test conditions unless otherwise noted. Test Freq = 500MHz, T=25℃, Vdd=5V, 75Ω system
2. OIP3 measured with 2 tones at an output power of +10dBm/tone separated by 1MHz, Test Freq = 500MHz
Absolute Maximum Ratings
PARAMETER
UNIT
MIN
TYP
MAX
Device Voltage
VDC
-
5
12
Operating Temperature
℃
-40
-
85
Storage Temperature
℃
-40
-
150
ESD Human Body Model
-
-
Class 1A
-
Moisture Sensitivity Level
-
-
MSL1
-
Junction Temperature (Tj)
℃
-
-
180
Thermal Resistance (Rth)
℃/w
-
35
-
Package Type : SOIC-8


Similar Part No. - AE505

ManufacturerPart #DatasheetDescription
logo
ABB
AE50-30-00 ABB-AE50-30-00 Datasheet
3Mb / 25P
3--polle Conttacttorrss
9/11
logo
YAGEO Corporation
AE5002 YAGEO-AE5002 Datasheet
91Kb / 1P
COMMON-MODE CHOKE,1000BT1
3/20/19
logo
Gustav Klauke GmbH
AE501 KLAUKE-AE501 Datasheet
777Kb / 1P
K 507 Crimping tool with interchangeable dies
logo
TOKYO SEIMITSU CO., LTD
AE50359-C001 ACCRETECH-AE50359-C001 Datasheet
707Kb / 4P
run-out Detection System
AE50359-C201 ACCRETECH-AE50359-C201 Datasheet
707Kb / 4P
run-out Detection System
More results

Similar Description - AE505

ManufacturerPart #DatasheetDescription
logo
RFHIC
AE427 RFHIC-AE427_14 Datasheet
567Kb / 5P
Low Noise Amplifier for CATV, Satellite
AE342A RFHIC-AE342A Datasheet
601Kb / 7P
Low Noise Amplifier for CATV, Satellite
logo
Infineon Technologies A...
BFR360F INFINEON-BFR360F_13 Datasheet
583Kb / 9P
Low noise amplifier for low current applications
2013-11-06
logo
ON Semiconductor
NSVF4020SG4 ONSEMI-NSVF4020SG4 Datasheet
690Kb / 10P
RF Transistor for Low Noise Amplifier
June 2016 - Rev. P1
logo
SJM Prewell. All Rights...
PLG01 SJM-PLG01 Datasheet
624Kb / 8P
Low Noise Amplifier for GPS
PLG07 SJM-PLG07 Datasheet
424Kb / 8P
Low Noise Amplifier for GPS
logo
ON Semiconductor
NSVF4015SG4 ONSEMI-NSVF4015SG4 Datasheet
222Kb / 12P
RF Transistor for Low Noise Amplifier
March, 2018 ??Rev. 0
NSVF4017SG4 ONSEMI-NSVF4017SG4 Datasheet
843Kb / 12P
RF Transistor for Low Noise Amplifier
March, 2018 ??Rev. 0
NSVF5488SK ONSEMI-NSVF5488SK Datasheet
179Kb / 7P
RF Transistor for Low Noise Amplifier
February, 2019 ??Rev. 0
NSVF5501SK ONSEMI-NSVF5501SK Datasheet
139Kb / 10P
RF Transistor for Low Noise Amplifier
July, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com