Electronic Components Datasheet Search
  English  ▼

X  

AE505 Datasheet(PDF) 2 Page - RFHIC

Part # AE505
Description  Low Noise Amplifier for
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE505 Datasheet(HTML) 2 Page - RFHIC

  AE505 Datasheet HTML 1Page - RFHIC AE505 Datasheet HTML 2Page - RFHIC AE505 Datasheet HTML 3Page - RFHIC AE505 Datasheet HTML 4Page - RFHIC AE505 Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
E-pHEMT MMIC
AE505
Korean Facilities : 82-31-8069-3036 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
2 / 5
Version 1.0
Application Circuit @ 30 ~ 1000MHz, 75ohm System, VDD=5V
Typical Performance @ VDD=5V, IDS=220mA, T=25℃, 75ohm System
PARAMETER
UNIT
TYPICAL
Frequency
MHz
30
500
1000
Gain(S21)
dB
14.8
14.3
13.6
Input Return Loss(S11)
dB
-10
-12
-14
Output Return Loss(S22)
dB
-10
-14.6
-24
Output IP3
dBm
39.3
41.5
36
1dB Compression Point
dBm
20.6
24.5
22.2
Noise Figure
dB
3.3
3.4
3.6
CSO*
dBc
-72
CTB*
dBc
-65
Current
mA
220
Frequency vs. Gain
* 79channels_Flat, +40dBmV
Frequency vs. S11
Frequency vs. S22



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com