Electronic Components Datasheet Search
  English  ▼

X  

IRLI2910 Datasheet(PDF) 1 Page - International Rectifier

Part # IRLI2910
Description  HEXFET Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLI2910 Datasheet(HTML) 1 Page - International Rectifier

  IRLI2910 Datasheet HTML 1Page - International Rectifier IRLI2910 Datasheet HTML 2Page - International Rectifier IRLI2910 Datasheet HTML 3Page - International Rectifier IRLI2910 Datasheet HTML 4Page - International Rectifier IRLI2910 Datasheet HTML 5Page - International Rectifier IRLI2910 Datasheet HTML 6Page - International Rectifier IRLI2910 Datasheet HTML 7Page - International Rectifier IRLI2910 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRLI2910
PRELIMINARY
HEXFET® Power MOSFET
PD - 9.1384B
S
D
G
VDSS = 100V
RDS(on) = 0.026Ω
ID = 31A
l Logic-Level Gate Drive
l Advanced Process Technology
l Ultra Low On-Resistance
l Isolated Package
l High Voltage Isolation = 2.5KVRMS
…
l Sink to Lead Creepage Dist. = 4.8mm
l Fully Avalanche Rated
TO-220 FULLPAK
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
2.4
°C/W
RθJA
Junction-to-Ambient
–––
65
°C/W
Thermal Resistance
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
31
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
22
A
IDM
Pulsed Drain Current
†
190
PD @TC = 25°C
Power Dissipation
63
W
Linear Derating Factor
0.42
W/°C
VGS
Gate-to-Source Voltage
±16
V
EAS
Single Pulse Avalanche Energy
‚†
520
mJ
IAR
Avalanche Current
†
29
A
EAR
Repetitive Avalanche Energy

6.3
mJ
dv/dt
Peak Diode Recovery dv/dt
Ġ
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
Fifth Generation HEXFETs from International Rectifier utilize
advanced processing techniques to achieve extremely low
on-resistance per silicon area. This benefit, combined with
the fast switching speed and ruggedized device design that
HEXFET Power MOSFETs are well known for, provides the
designer with an extremely efficient and reliable device for
use in a wide variety of applications.
The TO-220 Fullpak eliminates the need for additional
insulating hardware in commercial-industrial applications.
The moulding compound used provides a high isolation
capability and a low thermal resistance between the tab and
external heatsink. This isolation is equivalent to using a 100
micron mica barrier with standard TO-220 product. The
Fullpak is mounted to a heatsink using a single clip or by a
single screw fixing.
Description
3/16/98


Similar Part No. - IRLI2910

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRLI2910 ISC-IRLI2910 Datasheet
300Kb / 2P
isc N-Channel MOSFET Transistor
logo
International Rectifier
IRLI2910PBF IRF-IRLI2910PBF Datasheet
366Kb / 8P
HEXFET Power MOSFET
IRLI2910PBF IRF-IRLI2910PBF Datasheet
375Kb / 9P
ADVANCED PROCESS TECHNOLOGY
logo
Infineon Technologies A...
IRLI2910PBF INFINEON-IRLI2910PBF Datasheet
601Kb / 9P
Logic ?밚evel Gate Drive
2017-08-22
logo
International Rectifier
IRLI2910PBF... IRF-IRLI2910PBF... Datasheet
375Kb / 9P
ADVANCED PROCESS TECHNOLOGY
More results

Similar Description - IRLI2910

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com