Electronic Components Datasheet Search
  English  ▼

X  

IRLI2910 Datasheet(PDF) 2 Page - International Rectifier

Part # IRLI2910
Description  HEXFET Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLI2910 Datasheet(HTML) 2 Page - International Rectifier

  IRLI2910 Datasheet HTML 1Page - International Rectifier IRLI2910 Datasheet HTML 2Page - International Rectifier IRLI2910 Datasheet HTML 3Page - International Rectifier IRLI2910 Datasheet HTML 4Page - International Rectifier IRLI2910 Datasheet HTML 5Page - International Rectifier IRLI2910 Datasheet HTML 6Page - International Rectifier IRLI2910 Datasheet HTML 7Page - International Rectifier IRLI2910 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRLI2910
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
100
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.12
–––
V/°C
Reference to 25°C, ID = 1mA
†
–––
––– 0.026
VGS = 10V, ID = 16A
„
–––
––– 0.030
Ω
VGS = 5.0V, ID = 16A
„
–––
––– 0.040
VGS = 4.0V, ID = 14A
„
VGS(th)
Gate Threshold Voltage
1.0
–––
2.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
28
–––
–––
S
VDS = 50V, ID = 29A
†
–––
–––
25
VDS = 100V, VGS = 0V
–––
–––
250
VDS = 80V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
nA
VGS = 16V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -16V
Qg
Total Gate Charge
–––
–––
140
ID = 29A
Qgs
Gate-to-Source Charge
–––
–––
20
nC
VDS = 80V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
81
VGS = 5.0V, See Fig. 6 and 13
„†
td(on)
Turn-On Delay Time
–––
11
–––
VDD = 50V
tr
Rise Time
–––
100
–––
ns
ID = 29A
td(off)
Turn-Off Delay Time
–––
49
–––
RG = 1.4Ω, VGS = 5.0V
tf
Fall Time
–––
55
–––
RD = 1.7Ω, See Fig. 10
„†
Between lead,
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
–––
3700
–––
VGS = 0V
Coss
Output Capacitance
–––
630
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
330
–––
ƒ = 1.0MHz, See Fig. 5
†
C
Drain to Sink Capacitance
–––
12
–––
ƒ = 1.0MHz
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
IDSS
Drain-to-SourceLeakageCurrent
S
D
G
LD
InternalDrainInductance
–––
4.5
–––
LS
InternalSourceInductance
–––
7.5
–––
RDS(on)
StaticDrain-to-SourceOn-Resistance
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)
†
–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 16A, VGS = 0V
„
trr
Reverse Recovery Time
–––
240
350
ns
TJ = 25°C, IF = 29A
Qrr
Reverse RecoveryCharge
–––
1.8
2.7
µC
di/dt = 100A/µs
„†
Source-Drain Ratings and Characteristics
S
D
G
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
‚ VDD = 25V, starting TJ = 25°C, L = 1.2mH
RG = 25Ω, IAS = 29A. (See Figure 12)
… t=60s, ƒ=60Hz
ƒ ISD ≤ 29A, di/dt ≤ 490A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
† Uses IRL2910 data and test conditions
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
190
31
pF
nH
µA
A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com