Electronic Components Datasheet Search
  English  ▼

X  

Q22 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # Q22
Description  Versatile mechanical design maximizes design flexibility
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

Q22 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  Q22 Datasheet HTML 1Page - List of Unclassifed Manufacturers Q22 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2 
 
www.magtechind.com   Tel: 702‐364‐9998
Units: IN [mm]
1.65 [42.0]
1.02 [26.0]
0.20 [5.0]
1.14 [29.0]
4.76 [121.0]
4.02 [102.0]
2.00 [50.8]
8-32(x2)
4.49 [114.0]
1.01 [25.6]
Units: IN [mm]
3.22 [81.8]
1.18 [30.0]
3.46 [88.0]
1.61 [41.0]
1.37 [34.8]
Ø0.12 [Ø3.0]
0.13 [3.3]
“Xm” – Stud‐mountable Metal Case 
“Xp” – Plastic Case 
 
De-rating Temp. vs. Load
 
Efficiency vs. Load
 
 
 
 
 
 
 
Power Factor vs. Load
 
THD vs. Load
 
 
 
 
 
 
 
PWM Dimming Curve
 
1-10V Dimming Curve
 
 
 
 
 
 
 
MECHANICAL SPECIFICATION : Q22-UXX-XP-CYYYY
 
 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com