Electronic Components Datasheet Search
  English  ▼

X  

Q22 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # Q22
Description  Versatile mechanical design maximizes design flexibility
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

Q22 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  Q22 Datasheet HTML 1Page - List of Unclassifed Manufacturers Q22 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2 
 
www.magtechind.com   Tel: 702‐364‐9998
Q22 Series
Product Specifications
ANZ#: Z220d, Sep. 19, 2014
High Power LED Driver
Total Power
25 Watts max.
Input Voltages
110 ~ 277VAC
Number of Outputs
One
 
 
SPECIAL FEATURES
Universal Input range from 100VAC~304VAC, 50/60Hz
Versatile mechanical design maximizes design flexibility.
Form-factor: Available in metal and plastic
Fully potted, suitable for dry and damp location applications
4 in 1 Dimming Control plus “ENABLE” input
UL8750 and CE compliant
Wide selection of pre-adjusted C/C outputs (factory setting)
ENVIRONMENTAL
Operating temperature:
-40 to +50
⁰ C, Tc: 85 ⁰ C
Storage temperature:
-40 to +85
⁰ C
Humidity (Non-Condensing):
5% to 95%
Cooling:
Convection
Vibration Frequency:
5 to 50 Hz
MTBF:
>100,000 Hours at full load and 25ºC ambient conditions
(TELC3 – Telcordia SR-332, Issue 3)
SPECIFICATIONS :
Input Range : 100 ~ 277VAC
Frequency : 47 to 63Hz
Power Factor: > 0.92 at 65% to 100% load, 115VAC or 230VAC
Inrush Current : 2.0 Amps max. at 115VAC, cold start 25⁰C
Input Current : 0.3 Amps max. at 115VAC
Efficiency : 87% Typical
Output Current Regulation : ±3%
Maximum Power : 25W (Constant Voltage)
Protection : OCP, SCP, O
LP – Auto Recovery
Leakage Current : 50uA typ.
Control : 0-10V dimmer; PWM (250-3KHz); Potentiometer; Enable
Dimension:
refer to mechanical applications
Hold up time: Half cycle min. at 120VAC and 80% rated load
Regulation Compliance: UL8750 or EN61347, EN55015, EN61547
MODEL SELECTION :
Model Number
Constant Voltage Mode
Model Number
Constant Current Mode
V (DC)
A (mA)
Max. W
A (mA)
V (DC)
Max. W
Q22-U12-XP
12, ±5%
2080
25
Q22-U12-Cyyyy-Xz
2500 ~ 1200
6 ~ 12
22
Q22-U24-XP
24, ±5%
1040
25
Q22-U24-Cyyyy-Xz
1250 ~ 6000
14 ~ 24
22
Q22-U36-XP
36, ±5%
700
25
Q22-U30-Cyyyy-Xz
1000 ~ 475
19 ~ 30
22
Q22-U48-XP
48, ±5%
520
25
Q22-U36-Cyyyy-Xz
825 ~ 400
23 ~ 36
22
Notes: yyyy = Output current
“z” = P for plastic enclosure
M for metal enclosure
T for plastic enclosure with terminal blocks
Q22-U42-Cyyyy-Xz
700 ~ 350
27 ~ 42
22
Q22-U48-Cyyyy-Xz
620 ~ 300
30 ~ 48
22
Q22-U54-Cyyyy-Xz
550 ~ 250
34 ~ 54
22
Dimming Wiring Diagram
 
Picture shown above is not to scale
(+)
(-)
PWM
(250Hz~2KHz)
LED Driver
-V out
(BLACK)
+V out
(RED)
+10V OUT
(YELLOW)
NC/CAP
PWM Controller
(+)
(-)
DIMMER
(sinking)
LED Driver
-V out
(BLACK)
+V out
(RED)
Maximum
current
output:
Typically
6mA.
(+)
(-)
DIMMER
(sourcing)
LED Driver
-V out
(BLACK)
+V out
(RED)
+10V OUT
(YELLOW)
NC/CAP
Maximum current
required: 1mA max
per LF1048 driver.
10K ohm (min)
potentiometer
LED Driver
-V out
(BLACK)
+V out
(RED)


Similar Part No. - Q22

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
Q22.0-JXG32P4-12-30/100 JAUCH-Q22.0-JXG32P4-12-30/100 Datasheet
122Kb / 2P
SMD Quartz Crystal
Q22.0-JXG32P4-12-30/30 JAUCH-Q22.0-JXG32P4-12-30/30 Datasheet
122Kb / 2P
SMD Quartz Crystal
Q22.0-JXG32P4-12-30/50 JAUCH-Q22.0-JXG32P4-12-30/50 Datasheet
122Kb / 2P
SMD Quartz Crystal
Q22.0-JXG53P2-12-100 JAUCH-Q22.0-JXG53P2-12-100 Datasheet
126Kb / 2P
SMQDu Qarutaz rCtzr yCsrtyasl
Q22.0-JXG53P2-12-30 JAUCH-Q22.0-JXG53P2-12-30 Datasheet
126Kb / 2P
SMQDu Qarutaz rCtzr yCsrtyasl
More results

Similar Description - Q22

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXZ2-2780-Y LUMILEDS-LXZ2-2780-Y Datasheet
2Mb / 23P
Breakthrough luminance, design flexibility
logo
Axiomtek Co., Ltd.
SCM120-120-EVK AXIOMTEK-SCM120-120-EVK Datasheet
364Kb / 1P
High flexibility SMARC v1.0 compliant design
Q7M110 AXIOMTEK-Q7M110 Datasheet
185Kb / 1P
High flexibility Qseven v1.2 compliant design
Q7M120 AXIOMTEK-Q7M120 Datasheet
267Kb / 1P
High flexibility Qseven v2.0 compliant design
logo
Maxim Integrated Produc...
MAXM17505 MAXIM-MAXM17505 Datasheet
970Kb / 19P
Offers Flexibility for Power-Design Optimization
Rev 1; 4/15
logo
List of Unclassifed Man...
M9-U ETC2-M9-U Datasheet
243Kb / 2P
Compact size maximizes design flexibility
Q38 ETC2-Q38 Datasheet
176Kb / 2P
Versatile mechanical design maximizes design flexibility
Q48 ETC2-Q48 Datasheet
176Kb / 2P
Versatile mechanical design maximizes design flexibility
Q58 ETC2-Q58 Datasheet
176Kb / 2P
Versatile mechanical design maximizes design flexibility
Q68 ETC2-Q68 Datasheet
176Kb / 2P
Versatile mechanical design maximizes design flexibility
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com