Electronic Components Datasheet Search
  English  ▼

X  

IXDD415 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXDD415
Description  Dual 15 Ampere Low-Side Ultrafast MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD415 Datasheet(HTML) 1 Page - IXYS Corporation

  IXDD415 Datasheet HTML 1Page - IXYS Corporation IXDD415 Datasheet HTML 2Page - IXYS Corporation IXDD415 Datasheet HTML 3Page - IXYS Corporation IXDD415 Datasheet HTML 4Page - IXYS Corporation IXDD415 Datasheet HTML 5Page - IXYS Corporation IXDD415 Datasheet HTML 6Page - IXYS Corporation IXDD415 Datasheet HTML 7Page - IXYS Corporation IXDD415 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
• Built using the advantages and compatibility
of CMOS and IXYS HDMOSTM processes
• Latch-Up Protected
• High Peak Output Current: Dual 15A Peak
• Wide Operating Range: 8V to 30V
• Rise And Fall Times of <3ns
• Minimum Pulse Width Of 6ns
• Ability to Disable Output under Faults
• High Capacitive Load
Drive Capability: 4nF in <5ns
• Matched Rise And Fall Times
• 32ns Input To Output Delay Time
• Low Output Impedance
• Low Supply Current
Applications
• Driving RF MOSFETs
• Class D or E Switching Amplifier Drivers
• Multi MHz Switch Mode Power Supplies (SMPS)
• Pulse Generators
• Acoustic Transducer Drivers
• Pulsed Laser Diode Drivers
• DC to DC Converters
• Pulse Transformer Driver
First Release
Copyright © IXYS CORPORATION 2001
Patent Pending
IXDD415SI
Dual 15 Ampere Low-Side Ultrafast MOSFET Driver
Figure 1 - Functional Diagram
INB (8)
INA (7)
ENA (6)
ENB (9)
OUTA (22, 23, 24)
OUTB (19, 20, 21)
200k
200k
GND (25, 26)
Vcc (11, 12)
Vcc (13, 14)
Vcc (3, 4)
Vcc (1, 2)
GND (15, 16)
GND (17, 18)
GND (27, 28)
General Description
The IXDD415 is a dual CMOS high speed high current gate
driver specifically designed to drive MOSFETs in Class D and E
HF RF applications, as well as other applications requiring
ultrafast rise and fall times or short minimum pulse widths.
Each output of the IXDD415 can source and sink 15A of peak
current while producing voltage rise and fall times of less than
3ns. The outputs of the IXDD415 may be paralleled, producing a
single output of up to 30A with comparable rise and fall times.
The input of the driver is compatible with TTL or CMOS and is
fully immune to latch up over the entire operating range.
Designed with small internal delays, cross conduction/current
shoot-through is virtually eliminated in the IXDD415. Its features
and wide safety margin in operating voltage and power make
the IXDD415 unmatched in performance and value.
The IXDD415 has two enable inputs, ENA and ENB. These
enable inputs can be used to independently disable either of the
outputs, OUTA or OUTB, for added flexibility. Additionally, the
IXDD415 incorporates a unique ability to disable the output
under fault conditions. When a logical low is forced into the
Enable inputs, both final output stage MOSFETs (NMOS and
PMOS) are turned off. As a result, the output of the IXDD415
enters a tristate mode and achieves a Soft Turn-Off of the
MOSFET when a short circuit is detected. This helps prevent
damage that could occur to the MOSFET if it were to be
switched off abruptly due to a dv/dt over-voltage transient.
The IXDD415 is available in a 28 pin SO package (IXDD415SI),
incorporating DEI's patented (1) RF layout techniques to minimize
stray lead inductances for optimum switching performance.
(1)
DEI U.S. Patent #4,891,686


Similar Part No. - IXDD415

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDD414CI IXYS-IXDD414CI Datasheet
243Kb / 10P
14 Amp Low-Side Ultrafast MOSFET Driver
IXDD414CI IXYS-IXDD414CI Datasheet
352Kb / 10P
14 Amp Low-Side Ultrafast MOSFET Driver
IXDD414PI IXYS-IXDD414PI Datasheet
243Kb / 10P
14 Amp Low-Side Ultrafast MOSFET Driver
IXDD414PI IXYS-IXDD414PI Datasheet
352Kb / 10P
14 Amp Low-Side Ultrafast MOSFET Driver
IXDD414SI IXYS-IXDD414SI Datasheet
352Kb / 10P
14 Amp Low-Side Ultrafast MOSFET Driver
More results

Similar Description - IXDD415

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DEIC420 IXYS-DEIC420 Datasheet
156Kb / 7P
20 Ampere Low-Side Ultrafast RF MOSFET Driver
IXDN402 IXYS-IXDN402 Datasheet
308Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN402PI IXYS-IXDN402PI Datasheet
221Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN404 IXYS-IXDN404_04 Datasheet
760Kb / 11P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
DEIC515 IXYS-DEIC515 Datasheet
188Kb / 9P
15 Ampere Low-Side Ultrafast RF MOSFET Driver
logo
Clare, Inc.
IXD_602 CLARE-IXD_602 Datasheet
1Mb / 13P
2-Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXD_604 CLARE-IXD_604 Datasheet
1Mb / 13P
4-Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IX4426 IXYS-IX4426 Datasheet
245Kb / 13P
1.5-Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDF502 IXYS-IXDF502 Datasheet
409Kb / 12P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDF504 IXYS-IXDF504 Datasheet
415Kb / 11P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com