Electronic Components Datasheet Search
  English  ▼

X  

LM4041 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4041
Description  Precision Micropower Shunt Voltage Reference
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4041 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4041 Datasheet HTML 1Page - National Semiconductor (TI) LM4041 Datasheet HTML 2Page - National Semiconductor (TI) LM4041 Datasheet HTML 3Page - National Semiconductor (TI) LM4041 Datasheet HTML 4Page - National Semiconductor (TI) LM4041 Datasheet HTML 5Page - National Semiconductor (TI) LM4041 Datasheet HTML 6Page - National Semiconductor (TI) LM4041 Datasheet HTML 7Page - National Semiconductor (TI) LM4041 Datasheet HTML 8Page - National Semiconductor (TI) LM4041 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Reverse Current
20 mA
Forward Current
10 mA
Maximum Output Voltage
(LM4041-ADJ)
15V
Power Dissipation (T
A = 25˚C) (Note 2)
M3 Package
306 mW
Z Package
550 mW
M7 Package
241mW
Storage Temperature
−65˚C to +150˚C
Lead Temperature
M3 Packages
Vapor phase (60 seconds)
+215˚C
Infrared (15 seconds)
+220˚C
Z Package
Soldering (10 seconds)
+260˚C
ESD Susceptibility
Human Body Model (Note 3)
2 kV
Machine Model (Note 3)
200V
See AN-450 “Surface Mounting Methods and Their Effect
on Product Reliability” for other methods of soldering
surface mount devices.
Operating Ratings(Notes 1, 2)
Temperature Range
(T
min ≤ TA ≤ Tmax)
Industrial Temperature Range
−40˚C
≤ T
A ≤ +85˚C
Extended Temperature Range
−40˚C
≤ T
A ≤ +125˚C
Reverse Current
LM4041-1.2
60 µA to 12 mA
LM4041-ADJ
60 µA to 12 mA
Output Voltage Range
LM4041-ADJ
1.24V to 10V
LM4041-1.2
Electrical Characteristics (Industrial Temperature Range)
Boldface limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C. The grades A and B designate initial Re-
verse Breakdown Voltage tolerances of ±0.1% and ±0.2%, respectively.
Symbol
Parameter
Conditions
Typical
(Note 4)
LM4041AIM3
LM4041AIZ
Limits
(Note 5)
LM4041BIM3
LM4041BIZ
LM4041BIM7
Limits
(Note 5)
Units
(Limit)
V
R
Reverse Breakdown Voltage
I
R = 100 µA
1.225
V
Reverse Breakdown Voltage
I
R = 100 µA
±1.2
±2.4
mV (max)
Tolerance (Note 6)
±9.2
±10.4
mV (max)
I
RMIN
Minimum Operating Current
45
µA
60
60
µA (max)
65
65
µA (max)
∆V
R/∆T
Average Reverse Breakdown
Voltage Temperature
Coefficient (Note 6)
I
R=10mA
±20
ppm/˚C
I
R =1mA
±15
±100
±100
ppm/˚C (max)
I
R = 100 µA
±15
ppm/˚C
∆V
R/∆IR
Reverse Breakdown Voltage
Change with Operating
Current Change
I
RMIN ≤ IR ≤ 1 mA
0.7
mV
1.5
1.5
mV (max)
2.0
2.0
mV (max)
1mA
≤ I
R ≤ 12 mA
4.0
mV
6.0
6.0
mV (max)
8.0
8.0
mV (max)
Z
R
Reverse Dynamic Impedance
I
R = 1 mA, f = 120 Hz,
0.5
Ω
I
AC= 0.1 IR
1.5
1.5
Ω (max)
e
N
Wideband Noise
I
R = 100 µA
20
µV
rms
10 Hz
≤ f ≤ 10 kHz
∆V
R
Reverse Breakdown Voltage
Long Term Stability
t = 1000 hrs
T = 25˚C ±0.1˚C
120
ppm
I
R = 100 µA
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com