Electronic Components Datasheet Search
  English  ▼

X  

LM4041 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4041
Description  Precision Micropower Shunt Voltage Reference
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4041 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4041 Datasheet HTML 1Page - National Semiconductor (TI) LM4041 Datasheet HTML 2Page - National Semiconductor (TI) LM4041 Datasheet HTML 3Page - National Semiconductor (TI) LM4041 Datasheet HTML 4Page - National Semiconductor (TI) LM4041 Datasheet HTML 5Page - National Semiconductor (TI) LM4041 Datasheet HTML 6Page - National Semiconductor (TI) LM4041 Datasheet HTML 7Page - National Semiconductor (TI) LM4041 Datasheet HTML 8Page - National Semiconductor (TI) LM4041 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
LM4041-1.2
Electrical Characteristics (Extended Temperature Range)
Boldface limits apply for T
A =TJ =TMINto TMAX; all other limits TA =TJ = 25˚C. The grades C, D and E designate initial Re-
verse Breakdown Voltage tolerance of ±0.5%, ±1.0% and ±2.0% respectively.
Symbol
Parameter
Conditions
Typical
(Note 4)
LM4041CEM3
Limits
(Note 5)
LM4041DEM3
Limits
(Note 5)
LM4041EEM3
Limits
(Note 5)
Units
(Limit)
V
R
Reverse Breakdown
Voltage
I
R = 100 µA
1.225
V
Reverse Breakdown
Voltage Error
I
R = 100 µA
±6
±12
±25
mV (max)
(Note 6)
±18.4
±31
±43
mV (max)
I
RMIN
Minimum Operating
Current
45
µA
60
65
65
µA (max)
68
73
73
µA (max)
∆V
R/∆T
VR Temperature
Coefficient(Note 6)
I
R=10mA
±20
ppm/˚C
I
R =1mA
±15
±100
±150
±150
ppm/˚C
(max)
I
R = 100 µA
±15
ppm/˚C
∆V
R/∆IR
Reverse Breakdown
Change with
Current
I
RMIN ≤ IR ≤ 1.0 mA
0.7
mV
1.5
2.0
2.0
mV (max)
2.0
2.5
2.5
mV (max)
1mA
≤ I
R ≤ 12 mA
2.5
mV
6.0
8.0
8.0
mV (max)
8.0
10.0
10.0
mV (max)
Z
R
Reverse Dynamic
Impedance
I
R =1mA,f=120
Hz,
0.5
Ω
I
AC= 0.1 IR
1.5
2.0
2.0
Ω (max)
e
N
Noise Voltage
I
R = 100 µA
20
µV
rms
10 Hz
≤ f ≤ 10 kHz
∆V
R
Long Term Stability
(Non-Cumulative)
t = 1000 hrs
T = 25˚C ±0.1˚C
120
ppm
I
R = 100 µA
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com