Electronic Components Datasheet Search
  English  ▼

X  

4532 Datasheet(PDF) 1 Page - TT Electronics.

Part # 4532
Description  voltage up to 15 kv dc
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

4532 Datasheet(HTML) 1 Page - TT Electronics.

  4532 Datasheet HTML 1Page - TT Electronics. 4532 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Voltage Planar Dividers
4530 Series
Dissipationupto4.5Wattsat70°C
Voltageupto15kVdc
TCRtrackingdownto100ppm/°C
Suitableforhighvoltageprecisiondividers,
feedbackcircuitsandmeasurementsystems
High Voltage
Planar Dividers
4530 Series
• Dissipation up to 4.5 Watts at 70°C
• Voltage up to 15 kV dc
• TCR tracking down to 50 ppm/°C
• Suitable for high voltage precision dividers,
feedback circuits and measurement systems
4531*
4532*
4533*
4534*
4535*
4536*
4537*
Power rating at 70°C
watts
1.0
1.7
2.0
3.0
2.8
3.6
4.5
Resistance range
ohms
20K to 130M 36K to 250M 36K to 250M 62K to 450M 51K to 370M 82K to 660M 180K to 1.4G
Limiting element voltage
volts
6.5K
6.5K
10K
10K
15K
15K
15K
TCR (20°C to 70°C)
ppm/°C
100
Resistance tolerance
%
1, 2, 5
Resistance ratio tolerances
%
1, 2, 5
Standard values
Any value to order
Ambient temperature range
°C
-55 to 125
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Issue C · 10.07
A subsidiary of
TT electronics plc
Welwyn Components
207
*5th or 6th digit determines protection and lead type (see marking)
x0.05
Dimensions (mm) of Uncoated Resistors*
Substrate
Type
L max
H max
T max
V nom
P nom
nominal
4531
25.7
9
2
5.1
20.3
25 x 8.5
4532
25.7
13
2
5.1
20.3
25 x 12.5
4533
38.7
9
2
5.1
33.0
38 x 8.5
4534
38.7
13
2
5.1
33.0
38 x 12.5
4535
51.2
9
2
7.62
45.7
50 x 8.5
4536
51.2
13
2
7.62
45.7
50 x 12.5
4537
51.2
25.72
7.62
45.7
50 x 25
Physical Data
*Conformally coated resistors: Add 1mm to dimensions L and H and 0.5mm to T.
Coating can be extended up to 2mm down leads.
Example: A conformally coated 4531 measures 26.7 x 10 x 2.5 max.
Resistors
AllpartsarePb-freeandcomplywithEUDirective2011/65/EU(RoHS2)
07.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
BI Technologies IRC Welwyn


Similar Part No. - 4532

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
4532 WELWYN-4532 Datasheet
197Kb / 2P
High Voltage Planar Dividers
logo
Pomona Electronics
4532 POMONA-4532 Datasheet
37Kb / 1P
Minigator Clips To BNC Male
logo
Kemet Corporation
4532 KEMET-4532 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
4532 ETC2-4532 Datasheet
246Kb / 2P
Heyco-Tite Brass Liquid Tight Cordgrips PG Hubs
logo
TT Electronics.
4532 TTELEC-4532 Datasheet
280Kb / 2P
High Voltage Planar Dividers
More results

Similar Description - 4532

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
HVP57057FB AAC-HVP57057FB Datasheet
105Kb / 1P
Ultra High Voltage Resistors Up to 5 Gig ohm, 250 Watt and 300 KV DC
logo
Analog Devices
ADUM6000 AD-ADUM6000 Datasheet
401Kb / 16P
Isolated, 5 kV, DC-to-DC Converter
REV. D
logo
Micropac Industries
66312 MICROPAC-66312 Datasheet
133Kb / 2P
15 kV HIGH VOLTAGE, RADIATION TOLERANT ISOLATOR
logo
Vishay Siliconix
RCVE3 VISHAY-RCVE3 Datasheet
96Kb / 5P
High Voltage (up to 0.5 kV) Thick Film Chip Resistors
27-Mar-13
logo
Wall Industries,Inc.
DCLSR01 WALL-DCLSR01 Datasheet
336Kb / 5P
Up to 15 Watts DC/DC Converter Single Output
JFCW WALL-JFCW Datasheet
863Kb / 11P
Up to 15 Watts DC/DC Converter Single Output
logo
AIMTEC
AMSRB1-78JZ AIMTEC-AMSRB1-78JZ Datasheet
322Kb / 5P
Up to 15 Watt | DC-DC Switching Regulator
logo
DATEL, Inc.
AT45D15-0.5 DATEL-AT45D15-0.5 Datasheet
1Mb / 15P
Up to 15 Watt DC-DC Converter
logo
Vishay Siliconix
RCVAT-E3 VISHAY-RCVAT-E3 Datasheet
119Kb / 7P
High Voltage (Up to 3 kV) Thick Film Chip Resistors
25-Jun-2020
RCV-ATE3 VISHAY-RCV-ATE3 Datasheet
127Kb / 7P
High Voltage (Up to 3 kV) Thick Film Chip Resistors
05-Jul-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com