Electronic Components Datasheet Search
  English  ▼

X  

4532 Datasheet(PDF) 2 Page - TT Electronics.

Part # 4532
Description  voltage up to 15 kv dc
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

4532 Datasheet(HTML) 2 Page - TT Electronics.

  4532 Datasheet HTML 1Page - TT Electronics. 4532 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
High Voltage Planar Dividers
4530 Series
High Voltage
Planar Dividers
4530 Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue C · 10.07
Welwyn Components
Application Notes
The terminations should not be bent closer than 1.5mm from
the body, and the recommended minimum bend radius is 1mm.
Due to the high voltage which can appear between the resistor
body and any adjacent metal part, resistors should be mounted
at an adequate distance from other conducting parts.
Temperature Category
Lower temperature category is -55°C, upper temperature
category is 125°C. Due to the possibility of surface
condensation it is recommended that high voltage is not
applied to resistors in conditions of high humidity.
Design Flexibility
The experience of Welwyn engineers has been used to design
this generation of high voltage planar resistors to be suitable
for a majority of applications. However, should an application
require particular consideration, Welwyn designers are
available to provide advice and where applicable, to
recommend a non-standard product. Special sizes, designs
etc, can be prototyped at short notice.
Non Standard Optional Features
The options listed below are some of the special features
which may be provided, subject to agreement.
Special substrate size.
Leadless version with palladium silver solder pads.
Special termination length, diameter and pitch.
Special designs for pulse applications.
Resistance value outside stated range.
Multiple dividers R1, R2, R3 etc.
Packaging
Ordering Procedure
Packed in foam within a box.
Example: 4533 with leadframe terminals and conformal coat
at R =99.9 megohms and R = 100 kilohms (total R +R = 100M)
at 5% absolute tolerance and 1% ratio tolerance -
Type
4533 1
2 - 100M
100K J F
/
Terminal
1 Leadframe
2 Copper wire
Construction
A high quality alumina substrate is printed with a specially
selected high voltage resistor ink based on a ruthenium
oxide/glass system. A choice of protective systems is available.
Choice of Protection
As standard components are supplied conformally coated
with an epoxy resin. By special request components can be
supplied unprotected or with a screen printed epoxy
‘handling’ protection.
Terminations
Material
Solder-coated phosphor bronze lead-frame or
0.8mm dia, copper wire leads.
Solderability Meets the requirements of IEC 115-1, Clause
4.17.3.2.
Marking
Legend marked with type reference, resistance value,
tolerance ratio and manufacturing date code.
5th digit:
1 refers to leadframe
2 refers to copper wire lead
6th digit:
2 refers to conformal coating
3 refers to screen printed protection
4 refers to unprotected components
Solvent Resistance
The marking and protection will withstand all commonly used
industrial cleaning solvents.
l
a
c
i
p
y
T
m
u
m
i
x
a
M
Load: 1000 hours at 70°C
∆
3
.
0
5
%
R
C
°
5
2
1
t
a
o
r
e
Z
C
°
0
7
t
a
r
e
w
o
p
d
e
t
a
r
m
o
r
f
g
n
i
t
a
r
e
D
Shelf life: 12 months at room temperature
∆
1
.
0
<
3
.
0
%
R
Temperature rapid change
∆
2
0
.
0
1
.
0
%
R
Resistance to solder heat
∆
2
0
.
0
5
0
.
0
%
R
3
<
5
2
3
5
4
,
1
3
5
4
2
<
3
4
3
5
4
,
3
3
5
4
t
l
o
v
/
m
p
p
e
c
n
a
t
s
i
s
e
r
f
o
t
n
e
i
c
i
f
f
e
o
c
e
g
a
t
l
o
V
1
<
5
.
1
7
3
5
4
,
6
3
5
4
,
5
3
5
4
Performance Data
Protection
Total (R + R ) Value (use IEC62 code)
Lower (R ) Value (use IEC62 code)
R + R Absolute Tolerance (use IEC62 code)
Ratio Tolerance (use IEC62 code)
2 Conformal coating
3 Screen printed protection
4 Unprotected
F 1%
G 2%
J 5%
F 1%
G 2%
J 5%
1
1
1
1
2
2
2
2
2
07.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
BI Technologies IRC Welwyn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com