Electronic Components Datasheet Search
  English  ▼

X  

1608 Datasheet(PDF) 5 Page - TT Electronics.

Part # 1608
Description  Manufactured ROHS compliant pb-free terminations
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

1608 Datasheet(HTML) 5 Page - TT Electronics.

  1608 Datasheet HTML 1Page - TT Electronics. 1608 Datasheet HTML 2Page - TT Electronics. 1608 Datasheet HTML 3Page - TT Electronics. 1608 Datasheet HTML 4Page - TT Electronics. 1608 Datasheet HTML 5Page - TT Electronics. 1608 Datasheet HTML 6Page - TT Electronics. 1608 Datasheet HTML 7Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Tubular Vitreous Enamelled
Wirewound Resistors
1600/1900 Series
Tubular Vitreous Enamelled
Wirewound Resistors
1600/1900 Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
123
09.09
Welwyn Components
Maximum*
Maximum*
Maximum*
total
resistance
number
dissipation
with single
of taps
in 20°C
tap
ambient
(ohms)
(watts) with
Type
single tap
1905
14.5
9k
1
1600
15.0
12k
1
1602
15.5
9k
1
1906
19.0
13k
1
1603
22
18k
1
1604
31
29k
2
1605
41
34k
2
1908
47
38k
2
1607
66
53k
2
1606
80
78k
4
1608
101
93k
4
1609
145
140k
4
Tapped Resistors See Figure 10
Fixed resistors can be supplied with taps to special order.
Because of the reduced winding length, the total resistance of
a tapped resistor will be less than can be offered on a fixed
resistor of the same size. The reduction is proportional to the
number of taps and Table 5 is intended as a guide.
The minimum resistance per section on all sizes is 1
Ω and the
standard selection tolerance for any section is ±10%
Ordering Procedure
Enquiries for tapped resistors must state the following details:
Resistance per section
Maximum dissipation per section
Maximum operating ambient temperature
Maximum permissible dimensions if important
Type of terminations required. (See ‘Terminations’, page 3)
Resistor style or proposed method of mounting.
Table 5
*Maximum total dissipation assumes that this will be
evenly spread over the total element length.
Low Inductance Resistors
Ayrton-Perry wound elements are supplied for low inductance
applications. This winding style has a maximum permissible
hot spot temperature of 300°C. The maximum dissipation is
defined in Table 1 under the heading Operating hot spot
temperature of 300°C, and resistance ranges are defined in
the three right-hand columns of this table.
Application Notes
When cold, vitreous enamel has excellent insulation resistance.
In common with all insulants the specific resistance of the
enamel decreases with increased temperature; therefore, if
operated at any temperature approaching the maximum, the
resistor cannot be classed as an insulated type and should not
be used in contact with any conducting materials.
The recommended dissipations for each of the resistor hot
spot temperatures applies to resistors mounted horizontally. If
the bore is completely blocked a 15% derating is
recommended. However, wherever possible, resistors should
be mounted vertically with unobstructed bore.
This makes best use of the chimney effect of the heated tube
and will encourage a cooling stream of air through the bore.
Allowances must be made, when tubular resistors are mounted
in banks, for the effects produced by radiation between tubes.
Appreciable reduction of hot spot temperature can be
achieved by arranging that resistors are subjected to some
measure of forced draught. In general, it is most efficient to
extract air from the resistor enclosure and arrange that an air
inlet is adjacent to the bottom of the tubes.
If soft soldered connections are used the resistors should be derated
where applicable to limit the hot spot temperature to 300°C.
Tubular Vitreous Enamelled
Wirewound Resistors
1600/1900 Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
123
09.09
Welwyn Components
Maximum*
Maximum*
Maximum*
total
resistance
number
dissipation
with single
of taps
in 20°C
tap
ambient
(ohms)
(watts) with
Type
single tap
1905
14.5
9k
1
1600
15.0
12k
1
1602
15.5
9k
1
1906
19.0
13k
1
1603
22
18k
1
1604
31
29k
2
1605
41
34k
2
1908
47
38k
2
1607
66
53k
2
1606
80
78k
4
1608
101
93k
4
1609
145
140k
4
Tapped Resistors See Figure 10
Fixed resistors can be supplied with taps to special order.
Because of the reduced winding length, the total resistance of
a tapped resistor will be less than can be offered on a fixed
resistor of the same size. The reduction is proportional to the
number of taps and Table 5 is intended as a guide.
The minimum resistance per section on all sizes is 1
Ω and the
standard selection tolerance for any section is ±10%
Ordering Procedure
Enquiries for tapped resistors must state the following details:
Resistance per section
Maximum dissipation per section
Maximum operating ambient temperature
Maximum permissible dimensions if important
Type of terminations required. (See ‘Terminations’, page 3)
Resistor style or proposed method of mounting.
Table 5
*Maximum total dissipation assumes that this will be
evenly spread over the total element length.
Low Inductance Resistors
Ayrton-Perry wound elements are supplied for low inductance
applications. This winding style has a maximum permissible
hot spot temperature of 300°C. The maximum dissipation is
defined in Table 1 under the heading Operating hot spot
temperature of 300°C, and resistance ranges are defined in
the three right-hand columns of this table.
Application Notes
When cold, vitreous enamel has excellent insulation resistance.
In common with all insulants the specific resistance of the
enamel decreases with increased temperature; therefore, if
operated at any temperature approaching the maximum, the
resistor cannot be classed as an insulated type and should not
be used in contact with any conducting materials.
The recommended dissipations for each of the resistor hot
spot temperatures applies to resistors mounted horizontally. If
the bore is completely blocked a 15% derating is
recommended. However, wherever possible, resistors should
be mounted vertically with unobstructed bore.
This makes best use of the chimney effect of the heated tube
and will encourage a cooling stream of air through the bore.
Allowances must be made, when tubular resistors are mounted
in banks, for the effects produced by radiation between tubes.
Appreciable reduction of hot spot temperature can be
achieved by arranging that resistors are subjected to some
measure of forced draught. In general, it is most efficient to
extract air from the resistor enclosure and arrange that an air
inlet is adjacent to the bottom of the tubes.
If soft soldered connections are used the resistors should be derated
where applicable to limit the hot spot temperature to 300°C.
07.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
BI Technologies IRC Welwyn



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com