Electronic Components Datasheet Search
  English  ▼

X  

1608 Datasheet(PDF) 1 Page - TT Electronics.

Part # 1608
Description  Manufactured ROHS compliant pb-free terminations
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

1608 Datasheet(HTML) 1 Page - TT Electronics.

  1608 Datasheet HTML 1Page - TT Electronics. 1608 Datasheet HTML 2Page - TT Electronics. 1608 Datasheet HTML 3Page - TT Electronics. 1608 Datasheet HTML 4Page - TT Electronics. 1608 Datasheet HTML 5Page - TT Electronics. 1608 Datasheet HTML 6Page - TT Electronics. 1608 Datasheet HTML 7Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Impervious lead free vitreous enamel coating
Can be supplied with fixed, adjustable, tapped or
low inductance winding
Seven termination styles with choice of mounting arrangements
Manufactured RoHS compliant Pb-free terminations
Tubular Vitreous Enamelled
Wirewound Resistors
1600/1900 Series
Tubular Vitreous Enamelled
Wirewound Resistors
1600/1900 Series
• Impervious lead free vitreous enamel coating
• Can be supplied with fixed, adjustable,
tapped or low inductance winding
• Seven termination styles with choice of
mounting arrangements
• Manufactured RoHS compliant
Pb-free terminations*
* Check status of stock when ordering
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data, relates to current manufacture and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
121
1601
1905
1600
1602
1906
1603
1604
53
52
22
71
5
.
61
61
11
s
t
t
a
w
C
°
0
7
ta
g
n
itar
re
w
o
P
1
e
l
b
a
T
eeS
s
mh
o
eg
na
r
e
c
na
t
s
i
s
eR
1
e
l
b
a
T
eeS
s
tl
ov
ega
tl
o
v
t
ne
m
e
l
e
g
n
it
i
m
i
L
0
0
2
+
mum
i
x
aM
5
7
+
<
:
y
ll
a
c
i
p
y
T
C
°
/
mp
p
)
C
°
002
+
o
t
55
-
(
R
C
T
s
n
o
it
c
ir
t
s
e
r
e
u
l
a
v
r
o
f
1
e
l
b
a
t
e
e
S
0
1
,
5
,
2
,
1
%
e
c
na
r
e
l
o
t
e
c
na
t
s
i
s
eR
Values
E24 preferred
1
.
g
if
eeS
t
t
aw
/
C
°
e
c
nadep
m
i
l
a
m
r
ehT
573
+
o
t
55
-
C°
e
g
n
ar
e
r
u
tare
p
m
et
g
n
itare
p
O
1605
1908
1607
1606
1608
1609
561
511
19
67
45
74
s
t
t
a
w
C
°
0
7
ta
g
n
itar
re
w
o
P
1
e
l
b
a
T
eeS
s
mh
o
eg
na
r
e
c
na
t
s
i
s
eR
1
e
l
b
a
T
eeS
s
tl
ov
ega
tl
o
v
t
ne
m
e
l
e
g
n
it
i
m
i
L
0
5
1
+
mum
i
x
aM
5
7
+
<
:y
lla
c
i
p
y
T
C
°
/
mp
p
)
C
°
002
+
o
t
55
-
(
R
C
T
s
n
o
it
c
ir
t
se
r
e
u
l
a
v
rof
1
e
l
b
a
t
e
e
S
0
1
,
5
,
2
,
1
%
e
c
na
r
e
l
o
t
e
c
na
t
s
i
s
eR
Values
E24 preferred
1
.
g
if
eeS
t
t
aw
/
C
°
e
c
nadep
m
i
l
a
m
r
ehT
573
+
o
t
55
-
C°
e
g
n
ar
e
r
u
tare
p
m
et
g
n
itare
p
O
Electrical Data
09.09
A subsidiary of
TT electronics plc
Welwyn Components
Note See Figure 1 for curves of temperature rise / watts dissipation.
General Information
Vitreous enamelled wirewound resistors are capable of
withstanding a higher dissipation size for size, than any other
protected type; this is attributable to the higher operating
temperature which the wire and enamel can withstand.
Vitreous enamel provides exceptionally good protection to the
wire element and is essentially impervious to moisture. The
resistors can safely be used in harsh environmental conditions.
The Welwyn range is based on thirteen sizes of tube, each of
which has a recommended maximum dissipation which limits
operating surface temperature to a maximum of 375°C.
The stability and high reliability of Welwyn tubular vitreous
resistors is a direct result of the best quality materials being
used in their construction.
High purity ceramic tubes have been matched with nickel
chromium resistance wires and specially formulated enamel to
ensure that the resistors can withstand repeated heat cycling
without damage.
Connections between the resistance element and end
terminations are welded; other connections are brazed.
Mounting devices are available which permit resistors to be
mounted by both ends or by one end. Single ended mounting
is recommended for applications which do not subject the
resistor to shock or vibration.
Ferrules and the F type mounting plug are anchored into the
tubes with high temperature adhesive.
Special requirements, for types or styles not described
in this brochure, will be considered for economic
quantities.
Resistors
All parts are Pb-free and comply with EU Directive 2011/65/EU (RoHS2)
07.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
BI Technologies IRC Welwyn


Similar Part No. - 1608

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
1608 WELWYN-1608 Datasheet
335Kb / 7P
Tubular Vitreous Enamelled Wirewound Resistors
logo
Kemet Corporation
1608 KEMET-1608 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
TT Electronics.
1608 TTELEC-1608 Datasheet
921Kb / 7P
Tubular Vitreous Enamelled Wirewound Resistors
logo
Alpha Wire
1608 ALPHAWIRE-1608 Datasheet
98Kb / 4P
Customer Specification
12/5/2022
logo
TT Electronics.
1608 TTELEC-1608 Datasheet
1,009Kb / 7P
Wirewound Resistors Wirewound Resistors
01.21
More results

Similar Description - 1608

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KT1000 COSMO-KT1000 Datasheet
196Kb / 8P
Pb free and RoHS compliant
KT1010 COSMO-KT1010 Datasheet
196Kb / 8P
Pb free and RoHS compliant
KT1600 COSMO-KT1600 Datasheet
196Kb / 8P
Pb free and RoHS compliant
logo
ECS, Inc.
ECS-2018-500-BN ECS-ECS-2018-500-BN Datasheet
629Kb / 2P
Pb Free/RoHS Compliant
logo
TT Electronics.
QDN001 TTELEC-QDN001 Datasheet
405Kb / 2P
rohs compliant and sn/pb terminations available
QDN003 TTELEC-QDN003 Datasheet
445Kb / 2P
RoHS compliant and Sn/Pb terminations available
QSOP TTELEC-QSOP Datasheet
442Kb / 4P
RoHS compliant and Sn/Pb terminations available
logo
M/A-COM Technology Solu...
MAFL-011057 MA-COM-MAFL-011057 Datasheet
223Kb / 6P
RoHS Compliant and Pb free
logo
Silicon Laboratories
SI596 SILABS-SI596 Datasheet
328Kb / 12P
Pb-free/RoHS-compliant
logo
Abracon Corporation
ALFB-01 ABRACON-ALFB-01 Datasheet
535Kb / 1P
RoHS compliant and Pb free
10.30.13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com