Electronic Components Datasheet Search
  English  ▼

X  

LF453 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LF453
Description  LF453 Wide-Bandwidth Dual JFET-Input Operational Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF453 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LF453 Datasheet HTML 1Page - National Semiconductor (TI) LF453 Datasheet HTML 2Page - National Semiconductor (TI) LF453 Datasheet HTML 3Page - National Semiconductor (TI) LF453 Datasheet HTML 4Page - National Semiconductor (TI) LF453 Datasheet HTML 5Page - National Semiconductor (TI) LF453 Datasheet HTML 6Page - National Semiconductor (TI) LF453 Datasheet HTML 7Page - National Semiconductor (TI) LF453 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLH9710
December 1994
LF453 Wide-Bandwidth Dual
JFET-Input Operational Amplifiers
General Description
The LF453 is a low-cost high-speed dual JFET-input oper-
ational amplifier with an internally trimmed input offset volt-
age (BI-FET II technology) The device requires a low supply
current and yet the amplifiers maintain a large gain band-
width product and a fast slew rate In addition well matched
high voltage JFET input devices provide very low input bias
and offset currents The LF453 is pin compatible with the
standard LM1558 allowing designers to upgrade the overall
performance of existing designs
The LF453 may be used in such applications as high-speed
integrators fast DA converters sample-and-hold circuits
and many other circuits requiring low input bias current high
input impedance high slew rate and wide bandwidth
Features
Y
Internally trimmed offset voltage
50 mV (max)
Y
Low input bias current
50 pA (typ)
Y
Low input noise current
001 pA SHz (typ)
Y
Wide gain bandwidth
4 MHz (typ)
Y
High slew rate
13 V ms (typ)
Y
Low supply current
65 mA (max)
Y
High input impedance
1012X (typ)
Y
Low total harmonic distortion
k
002% (typ)
AV e 10 RL e 10k
VO e 20 Vp–p f e 20 Hz–20 kHz
Y
Low 1f noise corner
50 Hz (typ)
Y
Fast settling time to 001%
2 ms (typ)
Typical Connection
TLH9710 – 1
Connection Diagram
SO Package
TLH9710 – 2
Top View
Order Number LF453CM
See NS Package Number M08A
Simplified Schematic
TLH9710 – 3
BI-FET IITM is a trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LF453

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF451 NSC-LF451 Datasheet
207Kb / 8P
LF451 Wide-Bandwidth JFET-Input Operational Amplifier
LF451CM NSC-LF451CM Datasheet
207Kb / 8P
LF451 Wide-Bandwidth JFET-Input Operational Amplifier
logo
STMicroelectronics
LF45AB STMICROELECTRONICS-LF45AB Datasheet
649Kb / 34P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Aug-2003
LF45AB STMICROELECTRONICS-LF45AB Datasheet
260Kb / 32P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jul-1999
LF45ABDT STMICROELECTRONICS-LF45ABDT Datasheet
649Kb / 34P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Aug-2003
More results

Similar Description - LF453

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF147 NSC-LF147 Datasheet
406Kb / 13P
Wide Bandwidth Quad JFET Input Operational Amplifiers
TL082 NSC-TL082 Datasheet
821Kb / 12P
Wide Bandwidth Dual JFET Input Operational Amplifier
LF353 NSC-LF353 Datasheet
597Kb / 14P
Wide Bandwidth Dual JFET Input Operational Amplifier
logo
STMicroelectronics
LF351 STMICROELECTRONICS-LF351_08 Datasheet
622Kb / 14P
Wide bandwidth single JFET operational amplifiers
28-Apr-2008
LF253DT STMICROELECTRONICS-LF253DT Datasheet
909Kb / 15P
Wide bandwidth dual JFET operational amplifiers
25-Mar-2010
logo
Texas Instruments
LF347MX TI1-LF347MX Datasheet
1Mb / 21P
LF147/LF347 Wide Bandwidth Quad JFET Input Operational Amplifiers
LF147 TI1-LF147 Datasheet
1Mb / 21P
Wide Bandwidth Quad JFET Input Operational Amplifiers
LF353-N TI1-LF353-N Datasheet
1,018Kb / 17P
Wide Bandwidth Dual JFET Input Operational Amplifier
TL082-N TI1-TL082-N_13 Datasheet
1Mb / 23P
Wide Bandwidth Dual JFET Input Operational Amplifier
LF147 TI1-LF147_16 Datasheet
1Mb / 21P
Wide Bandwidth Quad JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com