Electronic Components Datasheet Search
  English  ▼

X  

LF453 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LF453
Description  LF453 Wide-Bandwidth Dual JFET-Input Operational Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF453 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LF453 Datasheet HTML 1Page - National Semiconductor (TI) LF453 Datasheet HTML 2Page - National Semiconductor (TI) LF453 Datasheet HTML 3Page - National Semiconductor (TI) LF453 Datasheet HTML 4Page - National Semiconductor (TI) LF453 Datasheet HTML 5Page - National Semiconductor (TI) LF453 Datasheet HTML 6Page - National Semiconductor (TI) LF453 Datasheet HTML 7Page - National Semiconductor (TI) LF453 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VabVb)
36V
Input Voltage Range
Vb s VIN s Va
Differential Input Voltage (Note 2)
g
30V
Junction Temperature (TJ MAX)
150 C
Output Short Circuit Duration
Continuous
Power Dissipation (Note 3)
500 mW
ESD Tolerance
TBD
Soldering Information (Note 4)
SO Package Vapor Phase (60 sec)
215 C
Infrared (15 sec)
220 C
Operating Ratings (Note 1)
Temperature Range
TMIN s TA s TMAX
LF453CM
0 C s TA a70 C
Junction Temperature (TJ max)
125 C
Supply Voltage (VabVb)
10V to 32V
DC Electrical Characteristics The following specifications apply for Va ea15V and Vb eb15V Bold-
face limits apply for TMIN to TMAX all other limits TA e TJ e 25 C
LF453CM
Symbol
Parameter
Conditions
Typical
Tested
Design
Units
(Note 5)
Limit
Limit
(Note 6)
(Note 7)
VOS
Maximum Input Offset Voltage
RS e 10 kX (Note 9)
5
mV
IOS
Maximum Input Offset Current
(Notes 8 9) TJ e 25 C
25
100
pA
TJ e 70 C
2
nA
IB
Maximum Input Bias Current
(Notes 8 9) TJ e 25 C
50
200
pA
TJ e 70 C
4
nA
RIN
Input Resistance
TJ e 25 C1012
X
AVOL
Minimum Large Signal
VO e g10V RL e 2kX
200
50
25
VmV
Voltage Gain
(Note 9)
VO
Minimum Output Voltage Swing
RL e 10k
g
135
g
12
g
12
V
VCM
Minimum Input Common
a
145
a
11
a
11
V
Mode Voltage Range
b
115
b
11
b
11
V
CMRR
Minimum Common-Mode
RS s 10 kX
100
80
80
dB
Rejection Ratio
PSRR
Minimum Supply Voltage
(Note 10)
100
80
80
dB
Rejection Ratio
IS
Maximum Supply Current
65
65
mA
AC Electrical Characteristics The following specifications apply for Va ea15V and Vb eb15V Limits
apply for TA e TJ e 25 C
LF453CM
Symbol
Parameter
Conditions
Typical
Tested
Design
Units
(Note 5)
Limit
Limit
(Note 6)
(Note 7)
SR
Slew Rate
AV ea113
8
V ms
GBW
Minimum Gain-Bandwidth Product
f e 100 kHz
4
27
MHz
en
Equivalent Input Noise Voltage
RS e 100X f e 1 kHz
25
nV SHz
in
Equivalent Input Noise Current
RS e 100X f e 1 kHz
001
pA SHz
Note 1
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur DC and AC electrical specifications do not apply when operating
the device beyond its specified operating ratings
Note 2
When the input voltage exceeds the power supplies the current should be limited to 1 mA
Note 3
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJ MAX HJA and the ambient temperature TA The
maximum allowable power dissipation at any temperature is PD e (TJ MAX b TA) HJA or the number given in the Absolute Maximum Ratings whichever is lower
For guaranteed operation TJ max e 125 C The typical thermal resistance (HJA) of the LF453CM when board-mounted is 160 CW
Note 4
See AN-450 ‘‘Surface Mounting Methods and Their Effect on Product Reliability’’ (section titled ‘‘Surface Mount’’) for other methods of soldering surface
mount devices
Note 5
Typicals are at TJ e 25 C and represent most likely parametric norm
Note 6
Tested limits are guaranteed to National’s AOQL (Average Outgoing Quality Level)
Note 7
Design limits are guaranteed to National’s AOQL but not 100% tested
Note 8
The input bias currents are junction leakage currents which approximately double for every 10 C increase in the junction temperature TJ Due to limited
production test time the input bias currents are correlated to junction temperature In normal operation the junction temperature rises above the ambient
temperature as a result of internal power dissipation PD TJ e TA a HJA PD where HJA is the thermal resistance from junction to ambient
Note 9
VOS IB AVOL and IOS are measured at VCM e 0V
Note 10
Supply voltage rejection ratio is measured for both supply magnitudes increasing or decreasing simultaneously in accordance with common practice
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com