Electronic Components Datasheet Search
  English  ▼

X  

LM2633MTD Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2633MTD
Description  Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2633MTD Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button LM2633MTD Datasheet HTML 29Page - National Semiconductor (TI) LM2633MTD Datasheet HTML 30Page - National Semiconductor (TI) LM2633MTD Datasheet HTML 31Page - National Semiconductor (TI) LM2633MTD Datasheet HTML 32Page - National Semiconductor (TI) LM2633MTD Datasheet HTML 33Page - National Semiconductor (TI) LM2633MTD Datasheet HTML 34Page - National Semiconductor (TI) LM2633MTD Datasheet HTML 35Page - National Semiconductor (TI) LM2633MTD Datasheet HTML 36Page - National Semiconductor (TI) LM2633MTD Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
Control Loop Design (Continued)
TABLE 5. R1 and R2 Values vs. VID
VID4:0
V
DAC (V)
R
1
R
2
r=
R2/(R1+R2)
00000
2.00
25k
17.1k
0.41
00001
1.95
25k
18.4k
0.42
00010
1.90
25k
17.4k
0.41
00011
1.85
25k
21.4k
0.46
00100
1.80
25k
19.3k
0.43
00101
1.75
25k
22.0k
0.47
00110
1.70
25k
22.1k
0.47
00111
1.65
25k
30.0k
0.55
01000
1.60
25k
24.5k
0.49
01001
1.55
25k
27.3k
0.52
01010
1.50
25k
26.0k
0.51
01011
1.45
25k
34.6k
0.58
01100
1.40
25k
29.3k
0.54
01101
1.35
25k
36.0k
0.59
01110
1.30
25k
36.4k
0.59
01111
NO CPU
25k
64.3k
0.72
10000
1.275
12.5k
23.2k
0.65
10001
1.250
12.5k
25.7k
0.67
10010
1.225
12.5k
24.5k
0.66
10011
1.200
12.5k
32.1k
0.72
10100
1.175
12.5k
27.5k
0.69
10101
1.150
12.5k
33.3k
0.73
10110
1.125
12.5k
33.6k
0.73
10111
1.100
12.5k
56.2k
0.82
11000
1. 075
12.5k
39.6k
0.76
11001
1.050
12.5k
47.4k
0.79
11010
1.025
12.5k
43.4k
0.78
11011
1.000
12.5k
75.0k
0.86
11100
0.975
12.5k
53.7k
0.81
11101
0.95
12.5k
81.8k
0.87
11110
0.925
12.5k
83.7k
0.87
11111
0.900
12.5k
∞
1
The signal path from output voltage to control voltage is the
feedback path. It typically contains a voltage divider, an error
amplifier and a compensation network. Those are shown In
Figure 7 as R
1,R2, the gm amplifier, and Zc. For Channel 1
of the LM2633, since an R-2R ladder network is used, R
1
and R
2 values change with the VID setting. For information
regarding their values and ratios, refer to
Table 5. For Chan-
nel 2, R
1 and R2 are simply the external voltage divider
resistors.
To achieve the gain shape in
Figure 10,Z
c in Figure 7 should
take the form of two RC branches in parallel, as shown in
Figure 11. In the scheme, C1 and R3 form the first zero f
z1,
C2 and R3 form the second pole f
p2, and C2 and R4 form the
second zero f
z2.
The gain of the compensation network can be calculated as
the following. If the ESR zero frequency f
z is higher than the
low frequency pole f
p, then there should be a −20dB/decade
section from f
p (310 Hz) to fz (8.8 kHz) in the plant gain plot,
such as shown in
Figure 9. Find the frequency where this
section (or the extension of this section) crosses 0dB by
using the following equation:
f
c_o =M •fp
(41)
If the desired loop transfer function cross-over frequency is
f
c_c, then the gain of the compensation network at fp should
be:
(42)
To determine the component values in
Figure 11, the follow-
ing equations can be used:
(43)
where B is the desired gain at f
z1, and gm is the transcon-
ductance of the error amplifier.
(44)
20000864
FIGURE 10. 2-Pole 2-Zero (lag-lag) Network Asymptotic
Gain Plot
20000865
FIGURE 11. Compensation Network
www.national.com
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com