Electronic Components Datasheet Search
  English  ▼

X  

LM2633MTD Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2633MTD
Description  Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2633MTD Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button LM2633MTD Datasheet HTML 31Page - National Semiconductor (TI) LM2633MTD Datasheet HTML 32Page - National Semiconductor (TI) LM2633MTD Datasheet HTML 33Page - National Semiconductor (TI) LM2633MTD Datasheet HTML 34Page - National Semiconductor (TI) LM2633MTD Datasheet HTML 35Page - National Semiconductor (TI) LM2633MTD Datasheet HTML 36Page - National Semiconductor (TI) LM2633MTD Datasheet HTML 37Page - National Semiconductor (TI) LM2633MTD Datasheet HTML 38Page - National Semiconductor (TI) LM2633MTD Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
Control Loop Design (Continued)
When Q is higher than 0.5, there will be a double-pole at half
the switching frequency f
n. When Q is lower than 0.5, the
double-pole is damped and becomes two separate poles.
The lower the Q value is, the farther apart the two poles are.
When Q is too low (such as Q = 0.05 or lower), one of the
two high frequency poles may move well into the low fre-
quency region. When Q is too high (such as Q = 5 or higher),
there will be significant peaking at half the switching fre-
quency and the phase will rapidly go to −180˚ near it. This
typically results in a lower cross-over frequency so that the
peaking in the loop gain is well below the 0dB line.
Q is a function of duty cycle and the deepness of the ramp
compensation (m
c). See Equation (34). The larger the duty
cycle, the higher the Q value. The deeper the ramp compen-
sation, the lower the Q value. When the inductor current
ramp is too much smaller than the compensation ramp, one
of the two high frequency poles will move far into the low
frequency region and form a double-pole with the existing
low frequency pole f
p. That makes it a voltage-mode control.
The ramp compensation becomes deeper when inductance
is increased, or input voltage is decreased, or sense resis-
tance is decreased.
In the case of Channel 1 of LM2633, if L = 1 to 3µH, V
in =5
to 24V, V
o = 0.925 to 2V, Rds = 5 to 20mΩ, the Q value will
be between 0.65 and 0.2.
Audio Susceptibility
Audio susceptibility is the transfer function from input to
output. In a typical power supply design, it is desirable to
have as much attenuation in that transfer function as pos-
sible so that noise appearing at the input has little effect on
the output. The open-loop audio susceptibility given by the
model in
Figure 7 is:
(47)
The closed-loop audio susceptibility is simply:
(48)
where H(s) is the compensation transfer function defined by:
(49)
It can be seen from
Equation (47) that if m
c is equal to
1/(2D’)+0.5, then the open-loop audio susceptibility is zero.
Unfortunately, the transfer function is rather sensitive to the
value of m
c around the critical value and thus this phenom-
enon is of little value.
The open-loop and closed-loop audio susceptibility of the
previous example is shown in
Figure 16. It can be told, both
from the model and from
Equation (47), that open-loop gain
of audio susceptibility is just a level shift of the loop gain.
Closed-loop audio susceptibility starts to depart from its
open-loop counterpart when frequency drops below the
cross-over frequency.
Adjusting the Output Voltages of the Switching
Channels
Channel 1 output voltage is normally adjusted through the
VID pins. Channel 2 output voltage is adjusted through an
external voltage divider, as shown in
Figure 17.
The equation to find the value of R
2 when R1 has been
selected is:
(50)
where V
fb2 is equal to the internal reference voltage con-
nected to the non-inverting input of the Channel 2 error
20000878
FIGURE 15. How Control-Output Transfer Function
Changes with Q Values
20000882
FIGURE 16. Example Audio Susceptibility Gain
200008B7
FIGURE 17. Setting the Ch2 Output Voltage
www.national.com
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com