Electronic Components Datasheet Search
  English  ▼

X  

KUL Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # KUL
Description  Single or dual wound DC coils or single wound AC coils
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

KUL Datasheet(HTML) 2 Page - TE Connectivity Ltd

  KUL Datasheet HTML 1Page - TE Connectivity Ltd KUL Datasheet HTML 2Page - TE Connectivity Ltd KUL Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
General Purpose Relays
Industrial Relays
KUL Series Latching Panel Plug-in Relay (Continued)
08-2011, Rev. 0811
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
Potter & Brumfield
Accessories
For details see datasheet
Sockets and Accessories, KUP Relays
Product Code Description
27E893
DIN socket (use 20C318 clip)
27E121
Track mount socket (use 20C314 clips)
27E043
Chassis mount/solder eyelet socket (use 20C254 clip)
27E046
Chassis mount/PCB socket (use 20C254 clip)
27E067
Chassis mount/quick connect socket (use 20C254 clip)
27E396
Snap-in/quick connect socket (use 20C254 clip)
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
DC coil
Single coil: -45ºC to 70ºC
Dual coil: -45ºC to 50ºC
AC coil
Single coil: -45ºC to 70ºC
Category of environmental protection
IEC 61810
RTI - dust protected
Terminal type
Quick connects (QC) .187
Weight
96g
Packaging/unit
tray/25 pcs., box/150pcs.
Dimensions
Plain case
Bracket mount case
Terminal dimensions
4.75mm (.187) quick connect
.125
(3.18)
.078
(1.98)
.187±.002
(4.75±.05)
.250
(6.35)
281 REF.
(7.14)
THICKNESS
.020
(.51)
HEADER
1.406 MAX.
(35.71)
1.531 MAX.
(38.89)
1
2
3
4
5
6
7
8
9
A
B
2.156 MAX.
(54.76)
.281 REF.
(7.14)
1.906 MAX.
(48.41)
.75
(19.1)
2.90 MAX.
(73.7)
.078 R.TYP.
(1.98)
.281 REF.
(7.14)
1.531 MAX.
(38.89)
.312
TYP.
(7.92)
.375
(9.53)
.437
(11.10)
2.500
(63.50)
.625 TYP.
(15.88)
.06
(1.52)
1.406 MAX.
(35.71)
.07
(1.8)
.140 MAX.
(3.56)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com