Electronic Components Datasheet Search
  English  ▼

X  

KUL Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # KUL
Description  Single or dual wound DC coils or single wound AC coils
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

KUL Datasheet(HTML) 3 Page - TE Connectivity Ltd

  KUL Datasheet HTML 1Page - TE Connectivity Ltd KUL Datasheet HTML 2Page - TE Connectivity Ltd KUL Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
General Purpose Relays
Industrial Relays
KUL Series Latching Panel Plug-in Relay (Continued)
08-2011, Rev. 0811
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
Potter & Brumfield
Terminal assignment
Bottom view on pins – Contact positions shown in diagrams is with the “RESET” input having been energized last.
Single Coil – DC
Dual Coil – AC or DC
1 Form C
2 Form C
3 Form C
1 Form C
2 Form C
Product code structure
Typical product code
KUL
-11
D
1
1
D
-12
Type
KUL
Enclosed magnetic latching relay
Contact arrangement and rating
5
1 form C (1 CO)
11 2 form C (2 CO)
14 3 form C (3 CO)
Coil Input
A AC
D DC
Mounting and options
1
Socket mount (plain) case
5
Bracket mount case
Terminal and contact material
1
4.75mm (.187in) quick connect/solder; Ag, 5A
5
4.75mm (.187in) quick connect/solder; AgCdO, 10A
Note: 5.21mm (.205) QC and PCB terminals available on request
Number of coils
S Single coil
D Dual coil
Coil voltage
Coil code: please refer to coil versions table
Product Code
Arrangement
Material
Coil
Case Style
Terminals
Part Number
KUL-5A15S-120
1 Form C, 1 CO
AgCdO
120 VAC
Plain case
Plug-in
1393116-4
KUL-11A15S-24
2 Form C, 2 CO
24 VAC
2-1393115-7
KUL-11A15S-120
120 VAC
2-1393115-6
KUL-11D15D-12
12 VDC
3-1393115-1
KUL-11D15D-24
24 VDC
3-1393115-2
KUL-11D15D-48
48 VDC
3-1393115-3
KUL-11D15S-12
12 VDC
3-1393115-4
KUL-11D15S-24
24 VDC
3-1393115-5
LATCH
RESET
-
+
+
-
2
5
7
A
B
LATCH
RESET
-
+
+
-
1
4
7
A
B
3
6
9
1
4
7
A
B
3
6
9
2
5
8
LATCH
RESET
-
+
+
-
2
5
7
A
B
9
LATCH
RESET
COMMON
1
4
7
A
B
3
6
9
8
LATCH
COMMON
LATCH
RESET
1
4
7
A
B
3
6
9
2
5
8
Single Coil – AC
1 Form C
2 Form C
3 Form C
LATCH
8
9
2
5
RESET
-
+
A
B
-
+
7
1
4
7
A
B
3
6
9
5
8
LATCH
-
+
+
-
1) Do not connect any low impedance loads from terminal B to A.
2) Resistor and diodes connected by customer. See Coil Data Chart for resistor value. Recommended using 1N4007 diode.
Polarity for DC only.
Polarity for DC only.
1)
1)
2)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com