Electronic Components Datasheet Search
  English  ▼

X  

LM4839 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4839
Description  Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4839 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4839 Datasheet HTML 1Page - National Semiconductor (TI) LM4839 Datasheet HTML 2Page - National Semiconductor (TI) LM4839 Datasheet HTML 3Page - National Semiconductor (TI) LM4839 Datasheet HTML 4Page - National Semiconductor (TI) LM4839 Datasheet HTML 5Page - National Semiconductor (TI) LM4839 Datasheet HTML 6Page - National Semiconductor (TI) LM4839 Datasheet HTML 7Page - National Semiconductor (TI) LM4839 Datasheet HTML 8Page - National Semiconductor (TI) LM4839 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
LM4839
Stereo 2W Audio Power Amplifiers
with DC Volume Control, Bass Boost, and Input Mux
General Description
The LM4839 is a monolithic integrated circuit that provides
DC volume control, and stereo bridged audio power amplifi-
ers capable of producing 2W into 4
Ω (Note 1) with less than
1.0% THD+N, or 2.2W into 3
Ω (Note 2) with less than 1.0%
THD+N.
Boomer® audio integrated circuits were designed specifically
to provide high quality audio while requiring a minimum
amount of external components. The LM4839 incorporates a
DC volume control, stereo bridged audio power amplifiers,
selectable gain or bass boost, and an input mux making it
optimally suited for multimedia monitors, portable radios,
desktop, and portable computer applications.
The LM4839 features an externally controlled, low-power
consumption shutdown mode, and both a power amplifier
and headphone mute for maximum system flexibility and
performance.
Note 1: When properly mounted to the circuit board, the LM4839LQ and
LM4839MTE will deliver 2W into 4
Ω. The LM4839MT will deliver 1.1W into
8
Ω. See the Application Information section for LM4839LQ and LM4839MTE
usage information.
Note 2: An LM4839LQ and LM4839MTE that have been properly mounted
to the circuit board and forced-air cooled will deliver 2.2W into 3
Ω.
Key Specifications
n
P
O at 1% THD+N
n
into 3
Ω (LQ & MTE)
2.2W(typ)
n
into 4
Ω (LQ & MTE)
2.0W(typ)
n
into 8
Ω (LM4839) (MT, MTE, & LQ)
1.1W(typ)
n
Single-ended mode - THD+N at 85mW into
32
Ω
1.0%(typ)
n
Shutdown current
0.2µA(typ)
Features
n
DC Volume Control Interface
n
Input mux
n
System Beep Detect
n
Stereo switchable bridged/single-ended power amplifiers
n
Selectable internal/external gain and bass boost
n
“Click and pop” suppression circuitry
n
Thermal shutdown protection circuitry
Applications
n
Portable and Desktop Computers
n
Multimedia Monitors
n
Portable Radios, PDAs, and Portable TVs
Connection Diagrams
Boomer® is a registered trademark of NationalSemiconductor Corporation.
LLP Package
DS200134-83
Top View
Order Number LM4839LQ
See NS Package Number LQA028AA for Exposed-DAP LLP
April 2002
© 2002 National Semiconductor Corporation
DS200134
www.national.com


Similar Part No. - LM4839

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4830 NSC-LM4830 Datasheet
458Kb / 14P
Two-Way Audio Amplification System with Volume Control
LM4830M NSC-LM4830M Datasheet
458Kb / 14P
Two-Way Audio Amplification System with Volume Control
LM4830N NSC-LM4830N Datasheet
458Kb / 14P
Two-Way Audio Amplification System with Volume Control
LM4831 NSC-LM4831 Datasheet
575Kb / 12P
Multimedia Computer Audio Chip
LM48310 NSC-LM48310 Datasheet
477Kb / 20P
Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
More results

Similar Description - LM4839

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4835 NSC-LM4835 Datasheet
648Kb / 16P
Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
LM4836 NSC-LM4836 Datasheet
658Kb / 16P
Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
LM4838 NSC-LM4838 Datasheet
2Mb / 36P
Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
LM4840 NSC-LM4840 Datasheet
786Kb / 19P
Stereo 2W Audio Power Amplifiers with Digital Volume Control and Input Mux
LM4843 NSC-LM4843 Datasheet
597Kb / 19P
Stereo 2W Audio Power Amplifiers with DC Volume Control
LM4849 NSC-LM4849 Datasheet
690Kb / 19P
Stereo 2W Audio Power Amplifiers with DC Volume Control and Input Mux
logo
Texas Instruments
TPA6010A4 TI-TPA6010A4 Datasheet
364Kb / 23P
STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
logo
National Semiconductor ...
LM4938 NSC-LM4938 Datasheet
1Mb / 26P
Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
Texas Instruments
TPA6010A4 TI-TPA6010A4_07 Datasheet
666Kb / 25P
STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
LM4836 TI-LM4836_15 Datasheet
2Mb / 39P
Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com