Electronic Components Datasheet Search
  English  ▼

X  

LM4839 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4839
Description  Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4839 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM4839 Datasheet HTML 14Page - National Semiconductor (TI) LM4839 Datasheet HTML 15Page - National Semiconductor (TI) LM4839 Datasheet HTML 16Page - National Semiconductor (TI) LM4839 Datasheet HTML 17Page - National Semiconductor (TI) LM4839 Datasheet HTML 18Page - National Semiconductor (TI) LM4839 Datasheet HTML 19Page - National Semiconductor (TI) LM4839 Datasheet HTML 20Page - National Semiconductor (TI) LM4839 Datasheet HTML 21Page - National Semiconductor (TI) LM4839 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Application Information (Continued)
When the bass boost is enabled, the output amplifiers will be
internally set at a gain of 2 at low frequencies (gain of 4 in
bridged mode). As shown in Figure 1, CBS sets the cutoff
frequency for the bass boost. At low frequencies, the capaci-
tor will be virtually an open circuit. At high frequencies, the
capacitor will be virtually a short circuit. As a result of this, the
gain of the bridge amplifier is increased as low frequencies.
A first order pole is formed with a corner frequency at:
f
c = 1/(2π10kΩCBS)
(9)
With CBS = 0.1uF, a first order pole is formed with a corner
frequency of 160Hz.
DC VOLUME CONTROL
The LM4839 has an internal stereo volume control whose
setting is a function of the DC voltage applied to the DC VOL
CONTROL pin.
The LM4839 volume control consists of 31 steps that are
individually selected by a variable DC voltage level on the
volume control pin. The range of the steps, controlled by the
DC voltage, are from 0dB - 78dB. Each gain step corre-
sponds to a specific input voltage range, as shown in table 2.
To minimize the effect of noise on the volume control pin,
which can affect the selected gain level, hysteresis has been
implemented. The amount of hysteresis corresponds to half
of the step width, as shown in Volume Control Characteriza-
tion Graph (DS200133-40).
For highest accuracy, the voltage shown in the ’recom-
mended voltage’ column of the table is used to select a
desired gain. This recommended voltage is exactly halfway
between the two nearest transitions to the next highest or
next lowest gain levels.
The gain levels are 1dB/step from 0dB to -6dB, 2dB/step
from -6dB to -36dB, 3dB/step from -36dB to -47dB, 4dB/step
from -47db to -51dB, 5dB/step from -51dB to -66dB, and
12dB to the last step at -78dB.
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com