Electronic Components Datasheet Search
  English  ▼

X  

176756 Datasheet(PDF) 19 Page - Tyco Electronics

Part # 176756
Description  This specification covers the requirements for product performance
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

176756 Datasheet(HTML) 19 Page - Tyco Electronics

Back Button 176756 Datasheet HTML 13Page - Tyco Electronics 176756 Datasheet HTML 14Page - Tyco Electronics 176756 Datasheet HTML 15Page - Tyco Electronics 176756 Datasheet HTML 16Page - Tyco Electronics 176756 Datasheet HTML 17Page - Tyco Electronics 176756 Datasheet HTML 18Page - Tyco Electronics 176756 Datasheet HTML 19Page - Tyco Electronics 176756 Datasheet HTML 20Page - Tyco Electronics 176756 Datasheet HTML 21Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Product Specification
108-5246
Rev. L
19 of 21
錫めっき製品
Tined-Lead Products
[2列仕様]
Fig.1-2
[Double Row] Fig.1-2
製品名称
Description
製品型番
Product part No.
エンボス
テープ詰
製品型番
On Taping
Part No.
チューブ詰
製品型番
In Tube
Part No.
174635
基板平行型(V)
Vertical Type
ショートリブ
Short Rib
176870
174636
176892
リセ・ヘッダー
アセンブリ
Receptacle
Header Assembly
基板垂直型(H)
Horizontal Type
ショートリブ
Short Rib
176942
176942
174643
嵌合高さ 5,7 mm
Mating height 5,7 mm
176944
嵌合高さ14mmスペーサ付
Mating height 14mm with spacer
175543
嵌合高さ 5 mm
Mating height
5 mm
176895
嵌合高さ 10 mm
Mating height
10 mm
176320
基板平行型(V)
Vertical Type
ショートリブ対応
Short Rib
嵌合高さ 11 mm
Mating height
11 mm
176871
DIP
タイプ
DIP
Type
ポスト・ヘッダーア
センブリ
Post Header
Assembly
基板垂直型(H)
Horizontal Type (H)
176943
176943
リレー・ヘッダー・アセンブリ
Relay Header Assembly
175699
Fig. 1-2 (続き)
Fig. 1-2 (To be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com