Electronic Components Datasheet Search
  English  ▼

X  

176756 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 176756
Description  This specification covers the requirements for product performance
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

176756 Datasheet(HTML) 3 Page - Tyco Electronics

  176756 Datasheet HTML 1Page - Tyco Electronics 176756 Datasheet HTML 2Page - Tyco Electronics 176756 Datasheet HTML 3Page - Tyco Electronics 176756 Datasheet HTML 4Page - Tyco Electronics 176756 Datasheet HTML 5Page - Tyco Electronics 176756 Datasheet HTML 6Page - Tyco Electronics 176756 Datasheet HTML 7Page - Tyco Electronics 176756 Datasheet HTML 8Page - Tyco Electronics 176756 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Product Specification
108-5246
Rev. L
3 of 21
3.3
定
格
A.
定格電圧
50 V AC/DC
B.
定格電流
0.5A
C.
使用温度範囲
-30 °C~ +105 ℃
(但し、温度の上限には負荷電流
によって生じる温度上昇を含む)
3.3
Ratings :
A.
Voltage Rating: 50 V AC/DC
B.
Current Rating: 0.5A
C.
Temperature Rating :-30 °C to +105 °C
The upper limit of the temperature includes the
temperature rising resulted by the energized
electrical current.
3.4 性能必要条件と試験方法
製品は Fig.2 に規定された電気的、機械的、及び耐
環境的性能必要条件に合致するよう設計されている
こと。試験は特別に規定されない限り室温下で行わ
れること。
3.4
Performance Requirements and Test
Descriptions :
The product shall be designed to meet the
electrical, mechanical and environmental
performance requirements specified in Fig. 2.
All tests shall be performed in the room
temperature, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com