Electronic Components Datasheet Search
  English  ▼

X  

LMV712BL Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV712BL
Description  Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV712BL Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMV712BL Datasheet HTML 1Page - National Semiconductor (TI) LMV712BL Datasheet HTML 2Page - National Semiconductor (TI) LMV712BL Datasheet HTML 3Page - National Semiconductor (TI) LMV712BL Datasheet HTML 4Page - National Semiconductor (TI) LMV712BL Datasheet HTML 5Page - National Semiconductor (TI) LMV712BL Datasheet HTML 6Page - National Semiconductor (TI) LMV712BL Datasheet HTML 7Page - National Semiconductor (TI) LMV712BL Datasheet HTML 8Page - National Semiconductor (TI) LMV712BL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
2.7V Electrical Characteristics Unless otherwise specified, all limits guaranteed for V+ = 2.7V, V − = 0V,
VCM = 1.35V and TA = 25˚C and RL > 1MΩ. Boldface limits apply at the temperature extremes. (Continued)
Symbol
Parameter
Condition
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
A
VOL
Large Signal Voltage Gain
Sourcing
R
L = 10kΩ
V
O = 1.35V to 2.3V
80
76
115
dB
Sinking
R
L = 10kΩ
V
O = 0.4V to 1.35V
80
76
113
dB
Sourcing
R
L = 600Ω
V
O = 1.35V to 2.2V
80
76
97
dB
Sinking
R
L = 600Ω
V
O = 0.5V to 1.35V
80
76
100
dB
V
SD
Shutdown Pin Voltage Range
On Mode
2.4 to 2.7
2.0 to 2.7
V
Shutdown Mode
0 to 0.8
0 to 1
V
GBWP
Gain-Bandwidth Product
5
MHz
SR
Slew Rate
(Note 7)
5
V/µs
φ
m
Phase Margin
60
Deg
e
n
Input Referred Voltage Noise
f = 1kHz
20
nV/
T
ON
Turn-On Time from Shutdown
2.2
4
4.6
µs
Turn-On Time from Shutdown
(micro SMD)
6
8
µs
5V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for V
+ =5V, V − = 0V, V
CM = 2.5V and TA = 25˚C and RL > 1MΩ. Boldface
limits apply at the temperature extremes.
Symbol
Parameter
Condition
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
V
OS
Input Offset Voltage
V
CM = 0.85V and
V
CM = 1.85V
0.4
3
3.2
mV
I
B
Input Bias Current
5.5
115
130
pA
CMRR
Common Mode Rejection Ratio
0V
≤ V
CM ≤ 5V
50
45
80
dB
PSRR
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 5V,
V
CM = 0.85V
70
68
90
dB
2.7V
≤ V+ ≤ 5V,
V
CM = 1.85V
70
68
90
dB
CMVR
Common Mode Voltage Range
For CMRR
≥ 50dB
−0.3
−0.2
V
5.2
5.3
V
I
SC
Output Short Circuit Current
Sourcing
V
O =0V
20
18
35
mA
Sinking
V
O =5V
25
21
50
mA
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com