Electronic Components Datasheet Search
  English  ▼

X  

LMV712BL Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV712BL
Description  Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV712BL Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMV712BL Datasheet HTML 1Page - National Semiconductor (TI) LMV712BL Datasheet HTML 2Page - National Semiconductor (TI) LMV712BL Datasheet HTML 3Page - National Semiconductor (TI) LMV712BL Datasheet HTML 4Page - National Semiconductor (TI) LMV712BL Datasheet HTML 5Page - National Semiconductor (TI) LMV712BL Datasheet HTML 6Page - National Semiconductor (TI) LMV712BL Datasheet HTML 7Page - National Semiconductor (TI) LMV712BL Datasheet HTML 8Page - National Semiconductor (TI) LMV712BL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
5V Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for V
+ =5V, V − = 0V, V
CM = 2.5V and TA = 25˚C and RL > 1MΩ. Boldface
limits apply at the temperature extremes.
Symbol
Parameter
Condition
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
V
O
Output Swing
R
L = 10kΩ to 2.5V
4.92
4.90
4.98
V
0.01
0.12
0.15
V
R
L = 600Ω to 2.5V
4.82
4.80
4.85
V
0.05
0.23
0.30
V
V
O(SD)
Output Voltage in Shutdown
10
200
mV
I
S
Supply Current per Channel
On Mode
1.17
1.7
1.9
mA
Shutdown Mode
0.12
1.5
2.0
uA
A
VOL
Large Signal Voltage Gain
Sourcing
R
L = 10kΩ
V
O = 2.5V to 4.6V
80
76
130
dB
Sinking
R
L = 10kΩ
V
O = 0.4V to 2.5V
80
76
130
dB
Sourcing
R
L = 600Ω
V
O = 2.5V to 4.6V
80
76
110
dB
Sinking
R
L = 600Ω
V
O = 0.4V to 2.5V
80
76
107
dB
V
SD
Shutdown Pin Voltage Range
On Mode
4.5 to 5
3.5 to 5
V
Shutdown Mode
0 to 0.8
0 to 1.5
V
GBWP
Gain-Bandwidth Product
5
MHz
SR
Slew Rate
(Note 7)
5
V/µs
φ
m
Phase Margin
60
Deg
e
n
Input Referred Voltage Noise
f = 1kHz
20
nV/
T
ON
Turn-On Time for Shutdown
1.6
4
4.6
µs
Turn-On Time for Shutdown
(micro SMD)
6
8
µs
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model: 1.5k
Ω in series with 100pF. Machine model, 0Ω in series with 100pF.
Note 3: Shorting circuit output to either V+ or V− will adversely affect reliability.
Note 4: The maximum power dissipation is a function of TJ(MAX), θJA and TA. The maximum allowable power dissipation at any ambient temperature is PD =
(TJ(MAX)-TA)/θJA. All numbers apply for packages soldered directly into a PC board.
Note 5: Typical values represent the most likely parametric norm.
Note 6: All limits are guaranteed by testing or statistical analysis.
Note 7: Number specified is the slower of the positive and negative slew rates.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com