Electronic Components Datasheet Search
  English  ▼

X  

HTCR Datasheet(PDF) 1 Page - TT Electronics.

Part # HTCR
Description  Range 0805 to 2512 at 1R0 to 10M
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HTCR Datasheet(HTML) 1 Page - TT Electronics.

  HTCR Datasheet HTML 1Page - TT Electronics. HTCR Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Temperature
Chip Resistor
HTCR Series
Hightemperatureoperationto250°C
Forgoldwirebond(Gtype)
Forconductiveadhesive(G,P&Etypes)
Forsoldering(Ftype)
Non-magnetic(G,P&Etypes)
Range0805to2512at1R0to10M
RoHScompliant
High Temperature Chip Resistor
HTCR Series
•
High temperature operation to 250°C
•
For gold wire bond (G type)
•
For conductive adhesive (G, P & EW types)
•
For soldering (F type)
•
Non-magnetic (G, P & EW types)
•
Range 0805 to 2512 at 1R0 to 10M
•
RoHS compliant
Electrical Data
Size
0805
1206
2010
2512
Power @230°C (G&P only)
W
0.063
0.125
0.25
0.5
Power @155°C
W
0.1
0.2
0.5
0.75
Power @70°C
W
0.125
0.25
0.625
1
Resistance range
ohms
1R0 to 10M
Tolerance
%
1, 5
LEV
V
150
200
400
500
TCR
ppm/°C
<10R:200 ≥10R:100
Operating temperature
°
C
F type -55 to +200,
E type -55 to +225,
G&P type -55 to +250
Thermal Impedance
°
C/W
220
160
75
40
Values
E24 or E96 preferred - other values to special order
Physical Data (All dimensions in mm and nominal weight in g)
L
W
T
A & C
Wt.
0805
2.0
+0.2/-0.15
1.25
±
0.15
0.5
±
0.15
0.4
±
0.2
0.009
1206
3.15
+0.2/-0.2
1.6
±
0.15
0.5
±
0.15
0.45
±
0.2
0.020
2010
5.0
±
0.2
2.5
±
0.2
0.65
±
0.15
0.5
+0.25/-0.3
0.036
2512
6.25
±
0.25
3.2
±
0.2
0.65
±
0.15
0.6
+0.25/-0.3
0.055
G & P types
E & F types
Construction
Planar gold G type or PtAg P types: Electrodes, resistor material and overglaze are printed onto an alumina
substrate. The resistors are laser trimmed to the required value and protected. The gold terminations are
suitable for wire bonding and both types are suitable for attachment with conductive adhesive.
Wraparound E type: Thick-film PtAg electrodes, resistor material and overglaze are printed onto an alumina
substrate. The resistors are laser trimmed to the required value and protected. The terminations are wraparound
coated with a polymer Ag material and are suitable for attachment with conductive adhesive.
Wraparound F type: These are made as the E type then plated with a nickel barrier and 100% tin plating and are
suitable for soldering.
Marking
The components are not marked; all data is printed onto the packaging.
Solvent Resistance
The component is resistant to all normal industrial cleaning solvents suitable for printed circuits.
General Note
02.10
Welwyn Components reserves the right to make changes in product specification without notice or liability
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 • Facsimile: +44 (0) 1670 829465 • Email: info@welwyn-tt.com • Website: www.welwyn-tt.com
T
W
L
Wrap-around terminations
(3 faces)
High Temperature Chip Resistor
HTCR Series
•
High temperature operation to 250°C
•
For gold wire bond (G type)
•
For conductive adhesive (G, P & EW types)
•
For soldering (F type)
•
Non-magnetic (G, P & EW types)
•
Range 0805 to 2512 at 1R0 to 10M
•
RoHS compliant
Electrical Data
Size
0805
1206
2010
2512
Power @230°C (G&P only)
W
0.063
0.125
0.25
0.5
Power @155°C
W
0.1
0.2
0.5
0.75
Power @70°C
W
0.125
0.25
0.625
1
Resistance range
ohms
1R0 to 10M
Tolerance
%
1, 5
LEV
V
150
200
400
500
TCR
ppm/°C
<10R:200 ≥10R:100
Operating temperature
°
C
F type -55 to +200,
E type -55 to +225,
G&P type -55 to +250
Thermal Impedance
°
C/W
220
160
75
40
Values
E24 or E96 preferred - other values to special order
Physical Data (All dimensions in mm and nominal weight in g)
L
W
T
A & C
Wt.
0805
2.0
+0.2/-0.15
1.25
±
0.15
0.5
±
0.15
0.4
±
0.2
0.009
1206
3.15
+0.2/-0.2
1.6
±
0.15
0.5
±
0.15
0.45
±
0.2
0.020
2010
5.0
±
0.2
2.5
±
0.2
0.65
±
0.15
0.5
+0.25/-0.3
0.036
2512
6.25
±
0.25
3.2
±
0.2
0.65
±
0.15
0.6
+0.25/-0.3
0.055
G & P types
E & F types
Construction
Planar gold G type or PtAg P types: Electrodes, resistor material and overglaze are printed onto an alumina
substrate. The resistors are laser trimmed to the required value and protected. The gold terminations are
suitable for wire bonding and both types are suitable for attachment with conductive adhesive.
Wraparound E type: Thick-film PtAg electrodes, resistor material and overglaze are printed onto an alumina
substrate. The resistors are laser trimmed to the required value and protected. The terminations are wraparound
coated with a polymer Ag material and are suitable for attachment with conductive adhesive.
Wraparound F type: These are made as the E type then plated with a nickel barrier and 100% tin plating and are
suitable for soldering.
Marking
The components are not marked; all data is printed onto the packaging.
Solvent Resistance
The component is resistant to all normal industrial cleaning solvents suitable for printed circuits.
General Note
02.10
Welwyn Components reserves the right to make changes in product specification without notice or liability
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 • Facsimile: +44 (0) 1670 829465 • Email: info@welwyn-tt.com • Website: www.welwyn-tt.com
T
W
L
Wrap-around terminations
(3 faces)
Make Possible
Resistors
09.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
AllpartsarePb-freeandcomplywithEUDirective2011/65/EU(RoHS2)


Similar Part No. - HTCR

ManufacturerPart #DatasheetDescription
logo
HolyStone International
HTC HOLYSTONECAPS-HTC Datasheet
194Kb / 2P
High Temperature Capacitors
logo
Eaton All Rights Reserv...
HTC EATON-HTC Datasheet
446Kb / 2P
PCB Fuse accessories for 5 mm fuses
logo
Weller Tools
HTC WELLER-HTC Datasheet
80Kb / 4P
Soldering Tips
logo
Analog Devices
HTC-0300A AD-HTC-0300A Datasheet
1Mb / 4P
Ultrahigh-Speed Hybrid Track-and-Hold Amplifiers
HTC-0300AM AD-HTC-0300AM Datasheet
1Mb / 4P
Ultrahigh-Speed Hybrid Track-and-Hold Amplifiers
More results

Similar Description - HTCR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJA1AJ102U PANASONIC-ERJA1AJ102U Datasheet
270Kb / 6P
High Power Chip Resistors / Wide Terminal Type 2512, 2010, 1206, 0805
logo
Freescale Semiconductor...
MC9RS08LE4CWL FREESCALE-MC9RS08LE4CWL Datasheet
528Kb / 28P
Up to 20 MHz CPU at 2.7 V to 5.5 V across temperature range of ??0째C to 85째C
logo
Panasonic Semiconductor
ERJ-2GEJ472X PANASONIC-ERJ-2GEJ472X Datasheet
84Kb / 2P
Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
logo
Vishay Siliconix
Y16252K50000T9R VISHAY-Y16252K50000T9R Datasheet
156Kb / 4P
VSMP Series (0805, 1206, 1506, 2010, 2512) (Z-Foil)
24-Mar-09
logo
MERITEK ELECTRONICS COR...
CST MERITEK-CST Datasheet
377Kb / 6P
High power rating up to 3 Watts in 2512 size
logo
Japan Aviation Electron...
716 JAE-716 Datasheet
289Kb / 5P
FREQUENCY RANGE TO 3GHz
CF2 JAE-CF2 Datasheet
326Kb / 8P
FREQUENCY RANGE TO 6GHz
CJ2 JAE-CJ2 Datasheet
359Kb / 7P
FREQUENCY RANGE TO 3GHz
CN50 JAE-CN50 Datasheet
295Kb / 5P
FREQUENCY RANGE TO 3GHz
logo
TT Electronics.
LHVC TTELEC-LHVC Datasheet
284Kb / 2P
Resistance 50K to 10M
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com