Electronic Components Datasheet Search
  English  ▼

X  

HTCR Datasheet(PDF) 2 Page - TT Electronics.

Part # HTCR
Description  Range 0805 to 2512 at 1R0 to 10M
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HTCR Datasheet(HTML) 2 Page - TT Electronics.

  HTCR Datasheet HTML 1Page - TT Electronics. HTCR Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
High Temperature
Chip Resistor
HTCR Series
High Temperature Chip Resistor
HTCR Series
Performance Data
Maximum
Load at rated power (1000hrs at 155°C and 70°C)
∆
R
2% + 0.01Ω
Derating from rated power at 70°C
See Derating Curves below
Short term overload
∆
R
1% + 0.01Ω
Dry heat (1000hrs at 250°C)
∆
R
2% + 0.01Ω
Damp heat steady state (56 days, 40°C, ≥90% RH)
∆
R
1% + 0.01Ω
Climatic
∆
R
1% + 0.01Ω
Temperature rapid change (5 cycles -55ºC to +250ºC)
∆
R
1% + 0.01Ω
Derating Curves
Packaging
0805 and 1206 HTCR series resistors are supplied on 8mm carrier tape and 7 inch reels as per IEC 286-3, quantity
per reel; 3000.
2010 and 2512 HTCR series resistors are supplied on 12mm carrier tape and 7 inch reels as per IEC 286-3,
quantity per reel; 2010: 3000pcs; 2512: 1800pcs.
Ordering Procedure
Example: HTCR1206 in gold planar format at 10 kilohms and 1% tolerance packed in tape.
H T C R 1 2 0 6 G – 1 0 K F T 3
Type
Terminations
G
Gold planar
Wire bond / adhesive
P
PtAg planar
Adhesive
E
Polymer Ag wraparound
Adhesive
F
Ni Barrier & Sn plated wraparound
Solder
Value (use IEC62 code)
Tolerance (use IEC62 code)
F
1%
J
5%
Packing
T3
0805, 1206, 2010
up to 3000/reel
T18
Tape
2512
up to 1800/reel
Standard
General Note
02.10
Welwyn Components reserves the right to make changes in product specification without notice or liability
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 • Facsimile: +44 (0) 1670 829465 • Email: info@welwyn-tt.com • Website: www.welwyn-tt.com
P/Pr
P/Pr
P/Pr
Ambient temperature degC
155
200
G & P Types
E Type
F Type
0
100%
75%
0
50%
75%
100%
0
155
70
230 250
70
100%
75%
155
225
70
Make Possible
09.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com