Electronic Components Datasheet Search
  English  ▼

X  

7012AC Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 7012AC
Description  Available in on-delay, true off-delay, and on/off-delay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

7012AC Datasheet(HTML) 2 Page - TE Connectivity Ltd

  7012AC Datasheet HTML 1Page - TE Connectivity Ltd 7012AC Datasheet HTML 2Page - TE Connectivity Ltd 7012AC Datasheet HTML 3Page - TE Connectivity Ltd 7012AC Datasheet HTML 4Page - TE Connectivity Ltd 7012AC Datasheet HTML 5Page - TE Connectivity Ltd 7012AC Datasheet HTML 6Page - TE Connectivity Ltd 7012AC Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
12–9
AGASTAT 7000 Series, Industrial Electropneumatic Timing Relay (Continued)
Specialty Relays
12
Catalog 5-1773450-5
Dimensions are shown for
Dimensions are in millimeters
USA: +1 800 522 6752
For additional support numbers
Revised 3-13
reference purposes only.
unless otherwise specified.
Asia Pacific: +86 0 400 820 6015
please visit www.te.com
Specifications subject
UK: +44 800 267 666
www.te.com
to change.
Auxiliary Switch Options
To increase the versatility of the basic
timer models, auxiliary switches may be
added to either on-delay or off-delay
types. They switch additional circuits,
provide two-step timing action, or fur-
nish electrical interlock for sustained
coil energization from a momentary
impulse, depending on the type selected
and its adjustment. They are installed at
the factory. All auxiliary switches are
SPDT with UL listings of 10A @ 125,
250, or 480 VAC. A maximum of one
Code T or two Code L auxiliary switches
may be added to each relay. The L or LL
switch is available with on-delay relays
only. The T switch is available with both
the on-delay and off-delay relays.
Auxiliary Switch Options for
On-Delay
Instant Transfer (Auxiliary Switch
Code L, maximum of 2 per relay.)
1. Energizing coil begins time delay and
transfers auxiliary switch.
2. Main switch transfers after total
preset delay.
3. De-energizing coil resets both
switches instantly.
Auxiliary switch is nonadjustable.
Two-Step Timing (Auxiliary Switch
Code T, maximum of 1 per relay.)
1. Energizing coil begins time delay.
2. After first delay auxiliary switch
transfers.
3. Main switch transfers after total
preset delay.
4. De-energizing coil resets both
switches instantly. First delay is
independently adjustable, up to 30%
of overall delay. (Recommended
maximum 100 seconds.)
Auxiliary Switch Options for
Off-Delay
In these models the same auxiliary
switch provides either two-step timing or
instant transfer action, depending on the
adjustment of the actuator.
Two-Step Timing (Auxiliary Switch
Code T, maximum of 1 per relay.)
1. Energizing coil transfers main and
auxiliary switches instantly.
2. De-energizing coil begins time delay.
3. After first delay auxiliary switch
transfers.
4. Main switch transfers after total
preset delay. First delay is independ-
ently adjustable, up to 30% of overall
delay. (Recommended maximum
100 seconds.)
Instant Transfer (Auxiliary Switch
Code L, maximum of 1 per relay.)
1. Energizing coil transfers main and
auxiliary switches instantly.
2. De-energizing coil resets auxiliary
switch and begins time delay.
3. Main switch transfers after total
preset delay.
Auxiliary switch is factory adjusted to
give instant transfer operation. Two-step
timing may be set at the factory to cus-
tomer specification up to a 3:2 ratio.
The Double Head model provides delayed switch transfer on
energization of its coil, and delayed resetting upon coil de-
energization. Each delay period is independently adjustable.
In new circuit designs or the improvement of existing
controls now using two or more conventional timers, the
Double Head unit offers distinct advantages.
Its compact design saves panel space, while the simplified
wiring reduces costly interconnection.
On-delay, Off-delay Model 7032 (Double Head)
With the addition of an extra switch block at the bottom of
the basic unit, this version of the Series 7000 offers four
pole switch capacity with simultaneous timing or two-step
timing. The two-step operation is achieved by factory
adjustment to your specifications.
For two-step operation, a maximum timing ratio between
upper and lower switches of 3:2 is recommended. Once ad-
justed at the factory, this ratio remains constant regardless
of changes in dial settings. (Ex: If upper switch transfer is
set on dial at 60 sec., minimum time on lower switch should
be 40 sec.)
This Series 7000 unit offers many of the performance fea-
tures found in basic models — voltage ranges, timing and
switch capacities.
Four pole models add approximately 1-1/4" to the maxi-
mum height of the basic model, approximately 1/8" to the
depth. They are designed for vertical operation only.
On-delay Model 7014, Off-delay Model 7024



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com