Electronic Components Datasheet Search
  English  ▼

X  

7012AC Datasheet(PDF) 7 Page - TE Connectivity Ltd

Part # 7012AC
Description  Available in on-delay, true off-delay, and on/off-delay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

7012AC Datasheet(HTML) 7 Page - TE Connectivity Ltd

  7012AC Datasheet HTML 1Page - TE Connectivity Ltd 7012AC Datasheet HTML 2Page - TE Connectivity Ltd 7012AC Datasheet HTML 3Page - TE Connectivity Ltd 7012AC Datasheet HTML 4Page - TE Connectivity Ltd 7012AC Datasheet HTML 5Page - TE Connectivity Ltd 7012AC Datasheet HTML 6Page - TE Connectivity Ltd 7012AC Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
12–14
Specialty Relays
Catalog 5-1773450-5
Dimensions are shown for
Dimensions are in millimeters
USA: +1 800 522 6752
For additional support numbers
Revised 3-13
reference purposes only.
unless otherwise specified.
Asia Pacific: +86 0 400 820 6015
please visit www.te.com
Specifications subject
UK: +44 800 267 666
www.te.com
to change.
AGASTAT 7000 Series, Industrial Electropneumatic Timing Relay (Continued)
Ordering Options — Can only be ordered as factory installed options (Dimensions, where shown, are in inches)
A1 – Single Quick-Connect
Terminals
A2 – Double Quick-Connect
Terminals
Gasket
Gasket
Ordering options can only be ordered as factory installed options.
Transient
Protection
Plug-In Receptacle (Accessory C)
Plug-In Receptacle (Accessory D)
Quick Connect Terminals
Catalog No. 700141.
For use with “B” Option.
Screw Terminals
Catalog No. 700137.
For use with “B” Option.
Accessories (Not available for 7032 models)
B – Plug-In Connectors
Use with Accessory “C” or “D” below.
GZ – Metal Enclosure
With knockouts for bottom connection.
3.16" W x 3.84" D x 7.63"H
I – Tamper-Proof Cover
H – Hermetically Sealed
Enclosure
L – Auxiliary Switch
M – Dust tight
LL – Auxiliary Switch
S – Dial Stops
P – Octal Plug Adapter
V – Transient/Surge Protection
T – Auxiliary Switch
X – Panelmount Kit
Mounting hardware included.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com