Electronic Components Datasheet Search
  English  ▼

X  

OARS Datasheet(PDF) 1 Page - TT Electronics.

Part # OARS
Description  Open-air design reduces PCB heating
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OARS Datasheet(HTML) 1 Page - TT Electronics.

  OARS Datasheet HTML 1Page - TT Electronics. OARS Datasheet HTML 2Page - TT Electronics. OARS Datasheet HTML 3Page - TT Electronics. OARS Datasheet HTML 4Page - TT Electronics. OARS Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Surface Mount Sense Resistors
OARS, OARS-XP, OARSZ Series
Flexible leads for thermal expansion
Open-airdesignreducesPCBheating
Values down to 1milliohm
Element TCR ±20ppm/°C
Zero-ohm 65A jumper version
RoHS compliant
Surface Mount Sense Resistors
A
O RS, OARS-XP, OARSZ Series
Flexible leads for thermal expansion
Open-air design reduces PCB heating
Values down to 1mΩ
Element TCR ±20ppm/ºC
Zero-ohm 65A jumper version
RoHS compliant
Electrical Data
OARS1/3
OARS-XP
Power rating at 25ºC
watts
2
4
Power rating at 85ºC
watts
1
2
Resistance range
ohms
R002 to R050
R001 to R025
Resistance Tolerance
%
≤
R002: 5, > R002: 1, 5
Standard Values
(Enquire for unlisted values)
milliohms 2, 3, 4, 5, 10, 15, 20, 22, 25, 30, 40, 50
1, 2, 2.5, 5, 7.5, 10, 20, 25
Inductance
nH
<10
Ambient temperature range
°C
-55 to +160
OARS-1Z
Comments
Current rating at 25ºC
amps
65
Current rating at 85ºC
amps
46
Ambient temperature range
°C
-55 to +160
Zero-ohm jumper
Physical Data
Dimensions (mm) and recommended solder pads
Type
L
H
T
D
W
a nom. b nom. c nom. d nom.
OARS1/3 >R003, OARS-1Z
3.05
±0.76
OARS1/3 - R003
11.18
±0.38
4.83
±0.76
3.18
±0.38
4.07
OARS1/3 - R002
11.56
±0.38
3.51
±0.76
4.7
±0.76
3.56
±0.38
4.45
9.37
3.07
OARS-XP
10.7 to
12.0*
2.28 to
4.57*
2.36
±0.25
4.83
±0.76
6.35
±0.38
7.24
9.58
3.18
3.23
* Dependent on ohmic value
a
b
d
c
c
07.11
Electrical Data
OARS1
OARS3
OARS-XP
Power rating
at 70°C ambient, or 140°C
terminal temperature
watts
2
3
5
Resistance range
ohms
R002 to R050
R002 to R015
R001 to R025
Resistance Tolerance
%
≤ R002: 5, > R002: 1, 5
Standard Values
(Enquire for unlisted values)
milliohms
2, 3, 4, 5, 10, 15, 20,
22, 25, 30, 40, 50
2, 3, 4, 5, 10, 15
Inductance
nH
<10
Ambient temperature range
°C
-55 to +160
OARS-1Z
Comments
Current rating at 25°C ambient
amps
65
Zero-ohm jumper
Max residual resistance
milliohms
0.3
Ambient temperature range
°C
-55 to +160
Temperature Derating
OARSZ
OARS1/3/XP
Note: For OARS1/3/XP this relates to power rating, for OARSZ it relates to current rating.
1, 2, 2.5, 5, 7.5,
12.5, 10, 20, 25
Surface Mount Sense Resistors
A
O RS, OARS-XP, OARSZ Series
Flexible leads for thermal expansion
Open-air design reduces PCB heating
Values down to 1mΩ
Element TCR ±20ppm/ºC
Zero-ohm 65A jumper version
RoHS compliant
Electrical Data
OARS1/3
OARS-XP
Power rating at 25ºC
watts
2
4
Power rating at 85ºC
watts
1
2
Resistance range
ohms
R002 to R050
R001 to R025
Resistance Tolerance
%
≤
R002: 5, > R002: 1, 5
Standard Values
(Enquire for unlisted values)
milliohms 2, 3, 4, 5, 10, 15, 20, 22, 25, 30, 40, 50
1, 2, 2.5, 5, 7.5, 10, 20, 25
Inductance
nH
<10
Ambient temperature range
°C
-55 to +160
OARS-1Z
Comments
Current rating at 25ºC
amps
65
Current rating at 85ºC
amps
46
Ambient temperature range
°C
-55 to +160
Zero-ohm jumper
Physical Data
Dimensions (mm) and recommended solder pads
Type
L
H
T
D
W
a nom. b nom. c nom. d nom.
OARS1/3 >R003, OARS-1Z
3.05
±0.76
OARS1/3 - R003
11.18
±0.38
4.83
±0.76
3.18
±0.38
4.07
OARS1/3 - R002
11.56
±0.38
3.51
±0.76
4.7
±0.76
3.56
±0.38
4.45
9.37
3.07
OARS-XP
10.7 to
12.0*
2.28 to
4.57*
2.36
±0.25
4.83
±0.76
6.35
±0.38
7.24
9.58
3.18
3.23
* Dependent on ohmic value
a
b
d
c
c
07.11
Make Possible
Resistors
AllpartsarePb-freeandcomplywithEUDirective2011/65/EU(RoHS2)
11.15
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com


Similar Part No. - OARS

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
OARS WELWYN-OARS Datasheet
2Mb / 3P
Surface Mount Sense Resistors
OARS-1Z WELWYN-OARS-1Z Datasheet
2Mb / 3P
Surface Mount Sense Resistors
logo
IRC - a TT electronics ...
OARS-1Z IRCTT-OARS-1Z Datasheet
135Kb / 2P
Open Air Zero Ohm Jumpers
logo
Welwyn Components Limit...
OARS-XP WELWYN-OARS-XP Datasheet
2Mb / 3P
Surface Mount Sense Resistors
logo
IRC - a TT electronics ...
OARS-XPR005FLF IRCTT-OARS-XPR005FLF Datasheet
108Kb / 3P
Open Air Sense Resistors Metal Alloy Strip
More results

Similar Description - OARS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP251 TOSHIBA-TLP251 Datasheet
326Kb / 8P
INVERTER FOR AIR CONDITIONOR INDUCTION HEATING
TLP251F TOSHIBA-TLP251F Datasheet
139Kb / 3P
INVERTER FOR AIR CONDITIONOR INDUCTION HEATING
logo
EPCOS
B57863S0302 EPCOS-B57863S0302 Datasheet
61Kb / 3P
Heating and air conditioning systems
B57867S0202 EPCOS-B57867S0202 Datasheet
61Kb / 3P
Heating and air conditioning systems
B57869S0302 EPCOS-B57869S0302 Datasheet
61Kb / 3P
Heating and air conditioning systems
logo
Axiomtek Co., Ltd.
FDK170-830 AXIOMTEK-FDK170-830 Datasheet
365Kb / 2P
Front panel open frame design
FDK191-832 AXIOMTEK-FDK191-832 Datasheet
409Kb / 2P
Front panel open frame design
logo
Schurter Inc.
DENO SCHURTER-DENO_18 Datasheet
409Kb / 2P
Ground wire choke, open design
logo
Maxim Integrated Produc...
MAX30208EVSYS MAXIM-MAX30208EVSYS Datasheet
1Mb / 13P
Flexible PCB Design
319-100370; Rev 0; 6/19
logo
Schurter Inc.
DENO SCHURTER-DENO_V01 Datasheet
411Kb / 2P
Ground wire choke, open design
04.01.2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com