Electronic Components Datasheet Search
  English  ▼

X  

OARS Datasheet(PDF) 4 Page - TT Electronics.

Part # OARS
Description  Open-air design reduces PCB heating
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OARS Datasheet(HTML) 4 Page - TT Electronics.

  OARS Datasheet HTML 1Page - TT Electronics. OARS Datasheet HTML 2Page - TT Electronics. OARS Datasheet HTML 3Page - TT Electronics. OARS Datasheet HTML 4Page - TT Electronics. OARS Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Surface Mount Sense Resistors
OARS, OARS-XP, OARSZ Series
Flamm
Construction
ability
The resistor will not burn or emit incandescent particles under any condition of applied temperature or overload.
Marking
The parts are legend marked with
Copper terminations are welded to resistance alloy strip which is then formed. Value adjustment is achieved
by control of width, without the need for subsequent abrasion or notch trimming.
Pb-free termination finish is 96% Sn / 4% Ag alloy.
ohmic value and tolerance code.
Packaging Data
Dimensions (mm)
Type
A
B
C
D
E
F
G
OARS1/3, OARS-1Z 4.32±0.08 11.7±0.08
8±0.1
OARS-XP-R001
11.94±0.1
OARS-XP >R001 7.21±0.1
11.56±0.1
24±0.3
11.5±0.1
1.75±0.1
12±0.1
4±0.1
07.11
Make Possible
Surface Mount
Sense Resistors
OARS, OARS-XP, OARSZ Series
11.15
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
Standard 4-Terminal Probe Positions for Measuring Unmounted Parts
0.79
6.35
1.27
Ø 0.76
7.94
All dimensions in mm
Standard 4-Terminal Probe Positions for Measuring Unmounted Parts
0.79
6.35
1.27
Ø 0.76
7.94
All dimensions in mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com