Electronic Components Datasheet Search
  English  ▼

X  

8050HS Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # 8050HS
Description  General Purpose Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

8050HS Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  8050HS Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 8050HS Datasheet HTML 2Page - Yea Shin Technology Co., Ltd 8050HS Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.yeashin.com
2
REV.02 20120705
8050HP/Q/R/S
ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
V(BR)CEO
25
––
V
(IC=1.0mA)
Emitter-Base Breakdown Voltage
V(BR)EBO
5
––
V
(IE=100
µΑ)
Collector-Base Breakdown Voltage
V(BR)CBO
40
––
V
(IC=100
µΑ)
Collector Cutoff Current (VCB=35V)
ICBO
–
–
150
nA
Emitter Cutoff Current (VEB=4V)
IEBO
–
–
150
nA
DC Current Gain
IC=100mA,VCE=1V
hFE
120
-
600
Collector-Emitter Saturation Voltage
(IC=800mA IB=80mA)
VCE(S)
-
-
0.5
NOTE :
*
PQ
R
S
hFE
120~200
150~300
200~400
300~600
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com