Electronic Components Datasheet Search
  English  ▼

X  

BAT140 Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # BAT140
Description  1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BAT140 Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  BAT140 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BAT140 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd BAT140 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Features
·
Case: SOT-23
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
·
Polarity: See Diagram
·
Marking: T14
·
Weight: 0.008 grams (approximate)
Mechanical Data
Maximum Ratings @ TA = 25°C unless otherwise specified
·
Very Low Forward Voltage Drop
·
High Conductance
·
For Use in DC-DC Converter, PCMCIA,
and Mobile Telecommunications Applications
·
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
RMS Reverse Voltage
VR(RMS)
28
V
Average Rectified Current
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on rated load
IFSM
5.5
A
Power Dissipation
Pd
500
mW
Typical Thermal Resistance, Junction to Ambient Air
RqJA
200
°
C/W
Operating Temperature Range
Tj
-40 to +125
°
C
Storage Temperature Range
TSTG
-40 to +150
°
C
TOP VIEW
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage
V(BR)R
40
¾
¾
V
IR = 300uA
Forward Voltage
VF
¾
500
550
mV
IF = 1000mA
Reverse Current
IR
¾
¾
100
m
A
VR = 30V
Total Capacitance
CT
¾
¾
175
25
¾
¾
pF
pF
VR = 0V, f = 1.0MHz
VR = 25V, f = 1.0MHz
Electrical Characteristics @ TA = 25°C unless otherwise specified
SOT– 23
Pb free product at available : 99% Sn above meet RoHS environment
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.01 20120824
BAT140
H


Similar Part No. - BAT140

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT140 PHILIPS-BAT140 Datasheet
71Kb / 8P
Schottky barrier double diodes
1997 Oct 03
BAT140A PHILIPS-BAT140A Datasheet
71Kb / 8P
Schottky barrier double diodes
1997 Oct 03
BAT140C PHILIPS-BAT140C Datasheet
71Kb / 8P
Schottky barrier double diodes
1997 Oct 03
BAT140S PHILIPS-BAT140S Datasheet
71Kb / 8P
Schottky barrier double diodes
1997 Oct 03
BAT140 PHILIPS-BAT140_03 Datasheet
57Kb / 7P
Schottky barrier double diodes
2003 Aug 04
More results

Similar Description - BAT140

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT1000 DIODES-BAT1000 Datasheet
79Kb / 3P
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30245 Rev 2 - 2
BAT1000 DIODES-BAT1000_1 Datasheet
364Kb / 3P
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30245 Rev. 6 - 2
BAT1000 DIODES-BAT1000_10 Datasheet
80Kb / 4P
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 9 - 2 October 2010
logo
SeCoS Halbleitertechnol...
SCS491DJ SECOS-SCS491DJ Datasheet
90Kb / 2P
1A , 25V Surface Mount Schottky Barrier Rectifier
SCS491D SECOS-SCS491D_11 Datasheet
62Kb / 2P
1A , 25V Surface Mount Schottky Barrier Rectifier
logo
Frontier Electronics.
FM102-LFR FRONTIER-FM102-LFR Datasheet
119Kb / 2P
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
LK12-LFR FRONTIER-LK12-LFR Datasheet
121Kb / 2P
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM5817 FRONTIER-SM5817 Datasheet
126Kb / 2P
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Diodes Incorporated
MBR180S1 DIODES-MBR180S1 Datasheet
364Kb / 5P
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev erse
logo
Taiwan Semiconductor Co...
SS120 TSC-SS120 Datasheet
286Kb / 5P
1A, 200V Surface Mount Schottky Barrier Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com