Electronic Components Datasheet Search
  English  ▼

X  

BAT140 Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # BAT140
Description  1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BAT140 Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  BAT140 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BAT140 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd BAT140 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0
0.25
0.50
0
50
100
150
T , TERMINAL TEMPERATURE (°C)
T
Fig. 1 Forward Current Derating Curve
0.75
1.0
25
75
125
0.01
0.1
1.0
10
0.2
0
0.4
0.6
0.8
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 2 Typical Forward Characteristics
V , DC REVERSE VOLTAGE (V)
R
Fig. 3 Typ. Total Capacitance vs Reverse Voltage
1000
1.0
10
100
0
5
10
15
20
25
f = 1MHz
25
50
75
100
125
150
1
10
20
50
40
30
V , REVERSE VOLTAGE (V)
R
Fig. 4 Typical Safe Operating Area
Note: 1. Assumed application thermal conditions.
RqJA varies depending on application.
Electrical characteristic curves(TA = 25°C)
DEVICE CHARACTERISTICS
BAT140
http://www.yeashin.com
2
REV.01 20120824



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com