Electronic Components Datasheet Search
  English  ▼

X  

NE68100 Datasheet(PDF) 12 Page - NEC

Part # NE68100
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE68100 Datasheet(HTML) 12 Page - NEC

Back Button NE68100 Datasheet HTML 8Page - NEC NE68100 Datasheet HTML 9Page - NEC NE68100 Datasheet HTML 10Page - NEC NE68100 Datasheet HTML 11Page - NEC NE68100 Datasheet HTML 12Page - NEC NE68100 Datasheet HTML 13Page - NEC NE68100 Datasheet HTML 14Page - NEC NE68100 Datasheet HTML 15Page - NEC NE68100 Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
NE68118 NONLINEAR MODEL
MODEL RANGE
Frequency:
0.05 to 5.0 GHz
Bias:
VCE = 2.5 V to 8.0 V, IC = 3 mA to 10 mA
Date:
5/29/96
Parameters
68118
CCB
0.07e-12
CCE
0.01e-12
LB
1.16e-9
LC
1.54e-9
LE
0.83e-9
CCBPKG
0.09e-12
CCEPKG
0.51e-12
CBEPKG
0.25e-12
LBX
0.18e-9
LCX
0.8e-9
LEX
0.09e-9
ADDITIONAL PARAMETERS
Parameter
Units
time
seconds
capacitance
farads
inductance
henries
resistance
ohms
voltage
volts
current
amps
UNITS
SCHEMATIC
(1) Gummel-Poon Model
Parameters
Q1
Parameters
Q1
IS
2.7e-16
MJC
0.56
BF
185
XCJC
0
NF
1.02
CJS
0
VAF15
VJS
0.75
IKF
0.055
MJS
0
ISE
1.77e-11
FC
0.5
NE
2.1
TF
14e-12
BR
1
XTF
3
NR
1
VTF
25
VAR
Infinity
ITF
0.1
IKR
Infinity
PTF
0
ISC
0
TR
0.3e-9
NC
2
EG
1.11
RE
0.6
XTB
0
RB
12
XTI
3
RBM
3.7
KF
0
IRB
1.2e-5
AF
1
RC
8
CJE
1.2e-12
VJE
0.77
MJE
0.5
CJC
0.8e-12
VJC
0.27
BJT NONLINEAR MODEL PARAMETERS(1)
Base
Emitter
Collector
LBX
LB
LEX
LE
LC
LCX
CCBPKG
CCB
CCE
CCEPKG
CBEPKG
LC
Q1
NE681 SERIES
Note:
1. This nonlinear model utilized the latest data available. See our Design Parameter Library at www.cel.com for this data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com