Electronic Components Datasheet Search
  English  ▼

X  

NE68100 Datasheet(PDF) 13 Page - NEC

Part # NE68100
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE68100 Datasheet(HTML) 13 Page - NEC

Back Button NE68100 Datasheet HTML 9Page - NEC NE68100 Datasheet HTML 10Page - NEC NE68100 Datasheet HTML 11Page - NEC NE68100 Datasheet HTML 12Page - NEC NE68100 Datasheet HTML 13Page - NEC NE68100 Datasheet HTML 14Page - NEC NE68100 Datasheet HTML 15Page - NEC NE68100 Datasheet HTML 16Page - NEC NE68100 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
NE681 SERIES
Parameters
Q1
Parameters
Q1
IS
2.7e-16
BF
185.0
NF
1.02
VAF
15.0
IKF
0.055
ISE
1.77e-11
NE
2.1
BR
1
NR
1
VAR
Infinity
IKR
Infinity
ISC
0
NC
2
RE
0.6
RB
12
RBM
3.7
IRB
1.2e-5
RC
8
CJE
1.2e-12
VJE
0.77
MJE
0.5
CJC
0.8e-12
VJC
0.27
MJC
0.56
XCJC
0
CJS
0
VJS
0.75
MJS
0
FC
0.5
TF
14.0e-12
XTF
3
VTF
25
ITF
0.1
PTF
0
TR
0.3e-9
EG
1.11
XTB
0
XTI
3
KF
0
AF
1
Parameter
Units
time
seconds
capacitance
farads
inductance
henries
resistance
ohms
voltage
volts
current
amps
(1) Gummel-Poon Model
UNITS
MODEL RANGE
Frequency:
0.05 to 3.0 GHz
Bias:
VCE = 2.5 V to 8.0 V, IC = 0.3 mA to 10 mA
SCHEMATIC
Q1
BJT NONLINEAR MODEL PARAMETERS(1)
Parameters
68119
CCB
0.07e-12
CCE
0.01e-12
LB
1.13e-9
LE
0.85e-9
CCBPKG
0.18e-12
CCEPKG
0.21e-12
LBX
0.19e-9
LCX
0.19e-9
LEX
0.19e-9
ADDITIONAL PARAMETERS
Base
Emitter
Collector
LBX
LB
LEX
LE
LCX
CCBPKG
CCB
CCE
CCEPKG
NE68119 NONLINEAR MODEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com