Electronic Components Datasheet Search
  English  ▼

X  

LM4543 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4543
Description  AC ??7 Codec with National 3D Sound
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4543 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM4543 Datasheet HTML 8Page - National Semiconductor (TI) LM4543 Datasheet HTML 9Page - National Semiconductor (TI) LM4543 Datasheet HTML 10Page - National Semiconductor (TI) LM4543 Datasheet HTML 11Page - National Semiconductor (TI) LM4543 Datasheet HTML 12Page - National Semiconductor (TI) LM4543 Datasheet HTML 13Page - National Semiconductor (TI) LM4543 Datasheet HTML 14Page - National Semiconductor (TI) LM4543 Datasheet HTML 15Page - National Semiconductor (TI) LM4543 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Application Information (Continued)
Bit
Description
Comment
15
Codec Ready
Bit
0=Not Ready, 1=Ready
14
Slot 1 data
valid
Status Address is valid
13
Slot 2 data
valid
Status Data is valid
12
Slot 3 data
valid
Left Audio PCM Data is
valid
11
Slot 4 data
valid
Right Audio PCM Data is
valid
SD_IN Slot 1: Status Address
The slot echoes the control register which a read was re-
quested on. The address echoed was initiated by a read re-
quest in the previous SD_OUT frame, slot 1.
Bits
Description
Comment
19
Reserved
Stuffed with
″0″
18:12
Control
Register Index
Echo of Control Register
for which data is being
returned.
11:0
Reserved
Stuffed with
″0″ ’s
SD_IN Slot 2: Status Data
The slot returns the control register data. The data returned
was initiated by a read request in the previous SD_OUT
frame, slot 1.
Bits
Description
Comment
19:4
Control
Register Read
Data
3:0
Reserved
Stuffed with
″0″ ’s
SD_IN Slot 3: PCM Record Left Channel
This slot contains the left ADC sample data. The signal digi-
tized is selected via register 1Ah and subsequently routed
through the Input Mux for recording by the left ADC.
Bits
Description
Comment
19:2
PCM Record
Left Channel
data
18 bit audio sample from
left ADC
Bits
Description
Comment
1:0
Reserved
Stuffed with
″0″’s
SD_IN Slot 4: PCM Record Right Channel
This slot contains the right ADC sample data. The signal digi-
tized is selected via register 1Ah and subsequently routed
through the Input Mux for recording by the right ADC.
Bits
Description
Comment
19:2
PCM Record
Right Channel
data
18 bit audio sample from
right ADC
1:0
Reserved
Stuffed with
″0″’s
SD_IN Slots 5-12: Reserved
These SD_IN slots are set to
″0″ as they are reserved for fu-
ture use.
AC Link Low Power Mode
Reset Register (00h)
Writing any value to this register causes a register reset
which changes all of the registers back to their default val-
ues. If this register is read, the codec will return a value of
0D50h indicating that National 3D Sound is implemented
and 18 bit data is supported by both the ADCs and DACs.
Master Volume Registers (02h, 06h)
These registers allows the output levels from LINE_OUT port
and MONO_OUT port to be attenuated or muted. Each step
is nominally 1.5dB and each output can be individually
muted by setting the most significant bit to 1.
Mute
Mx5:Mx0
Function
0
00 0000
0dB attenuation
0
01 1111
46.5dB attenuation
0
1X XXXX
46.5dB attenuation
1
XX XXXX
mute
Default: 8000h
PC Beep Register (0Ah)
This register controls the level of the PC_BEEP input. The
PC_BEEP can be both attenuated and muted via register
0Ah. Step size is nominally 3dB. The signal present after the
attenuation and mute block is summed into both the left and
right channels.
Mute
PV3:0
Function
0
0000
0dB attenuation
0
1111
45dB attenuation
1
XXXX
mute
Default: 8000h
DS100907-7
FIGURE 7. Start of Audio Input Frame
DS100907-9
FIGURE 8. AC Link Powerdown Timing
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com