Electronic Components Datasheet Search
  English  ▼

X  

PWRL Datasheet(PDF) 1 Page - TT Electronics.

Part # PWRL
Description  Radial leads for PC mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PWRL Datasheet(HTML) 1 Page - TT Electronics.

  PWRL Datasheet HTML 1Page - TT Electronics. PWRL Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low Resistance Stand-Up
Power Wirewound Resistor
PWRL Series
3,5,7,and10watts
0.01Ωto0.18Ωrange
Radial leads for PC mount
TC’sfrom50ppm/°Cto+500ppm/°C(rangedependant)
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Fireproof high
temperature ceramic
case with stand-off
Inorganic
fireproof
encapsulant
All welded termination
PWRL Series
• 3, 5, 7, and 10 watts
• 0.01
Ω to 0.18Ω range
• Radial leads for PC mount
• TC’s from 50 ppm/°C to +500 ppm/°C (range dependant)
Low Resistance Stand-Up
Power Wirewound Resistor
Dimensions (Inches and (mm))
Type
A
B
C
D
E
LD
PWRL-3
0.475 ±0.030
(12.0 ±0.8)
0.320 ±0.030
(8.1 ±0.8)
1.00 ±0.030
(25.4 ±0.8)
0.200 ±0.062
(5.08 ±1.6)
0.175 ±0.062
(4.44 ±1.6)
0.040 ±0.002
(1.02 ±0.05)
PWRL-5
0.500 ±0.030
(12.7 ±0.8)
0.350 ±0.030
(8.8 ±0.8)
1.00 ±0.030
(25.4 ±0.8)
0.200 ±0.062
(5.08 ±1.6)
0.175 ±0.062
(4.44 ±1.6)
0.040 ±0.002
(1.02 ±0.05)
PWRL-7
0.500 ±0.030
(12.7 ±0.8)
0.350 ±0.030
(8.8 ±0.8)
1.50 ±0.032
(38.1 ±0.81)
0.200 ±0.062
(5.08 ±1.6)
0.175 ±0.062
(4.44 ±1.6)
0.040 ±0.002
(1.02 ±0.05)
PWRL-10
0.630 ±0.032
(16.0 ±0.81)
0.510 ±0.032
(13.2 ±0.81)
1.39 ±0.032
(35.3 ±0.81)
0.290 ±0.062
(7.4 ±1.6)
0.250 ±0.062
(6.4 ±1.6)
0.040 ±0.002
(1.02 ±0.05)
Physical Data
Specifications
- Power Rating: 3, 5, 7, and 10 watts
- Resistance Range: 0.01
Ω to 0.18Ω
-Tolerance: ±1%, ±2%, ±3%, ±5%, and ±10%
- Flameproof inorganic construction
- EIA RS-344, insulated fixed wirewound resistors
A
C
E
B
LD
D
0.080
±0.032
0.170
±0.062
Meniscus
permitted to
bottom of feet
PWRL Series Issue November 2008 Sheet 1 of 2
Low Resistance Stand-up
Power Wirewound Resistor
PWRL Series
• 3, 5, 7 and 10 watts
• 0R01 ohm to 0R18 ohm range
• Radial leads for PC mount
• TC’s from 50 ppm/°C to +500 ppm/°C
(range dependent)
• Flameproof inorganic construction
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
110
PWRL
Power rating
watts
3, 5, 7 and 10
Resistance range
ohms
0R01 to 0R18
Tolerance
%
±1, ±2, ±3, ±5 and ±10
Electrical Data
Issue B · 03.02
A subsidiary of
TT electronics plc
Welwyn Components
Dimensions (mm)
Type
A
B
C
D
E
LD
PWRL-3
12.0±0.8
8.1±0.8
25.4±0.8
5.08±1.6
4.44±1.6
1.02±0.05
PWRL-5
12.7±0.8
8.8±0.8
25.4±0.8
5.08±1.6
4.44±1.6
1.02±0.05
PWRL-7
12.7±0.8
8.8±0.8
38.1±0.81
5.08±1.6
4.44±1.6
1.02±0.05
PWRL-10
16.0±0.81
13.2±0.81
35.3±0.81
7.4±1.6
6.4±1.6
1.02±0.05
Physical Data
A
LD
D
B
C
E
2.032
±0.813
4.318
±1.575
Power Derating Curve
Hot Spot Temperature Rise at 25°C
PWRL series NEW
2/6/03
4:04 pm
Page 1
Fireproof high
temperature cerami c
case with stand-of f
Inorganic
fireproof
encapsulant
All welded te rmination
Resistors
Make Possible
All Pb-free parts comply with EU Directive 2011/65/EU (RoHS2)
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com


Similar Part No. - PWRL

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
PWRL WELWYN-PWRL Datasheet
117Kb / 1P
Low Resistance Stand-up Power Wirewound Resistor
PWRL-10 WELWYN-PWRL-10 Datasheet
117Kb / 1P
Low Resistance Stand-up Power Wirewound Resistor
PWRL-3 WELWYN-PWRL-3 Datasheet
117Kb / 1P
Low Resistance Stand-up Power Wirewound Resistor
PWRL-5 WELWYN-PWRL-5 Datasheet
117Kb / 1P
Low Resistance Stand-up Power Wirewound Resistor
PWRL-7 WELWYN-PWRL-7 Datasheet
117Kb / 1P
Low Resistance Stand-up Power Wirewound Resistor
More results

Similar Description - PWRL

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
BF01 AVX-BF01 Datasheet
57Kb / 4P
Radial Leads
SR155E103MAR AVX-SR155E103MAR Datasheet
267Kb / 8P
Radial Leads/SkyCap짰
SR211C104KAA AVX-SR211C104KAA Datasheet
267Kb / 8P
Radial Leads/SkyCap짰
SR151A101JAA AVX-SR151A101JAA Datasheet
267Kb / 8P
Radial Leads/SkyCap
SR201A102JAR AVX-SR201A102JAR Datasheet
267Kb / 8P
Radial Leads/SkyCap
SR305C474KAR AVX-SR305C474KAR Datasheet
267Kb / 8P
Radial Leads/SkyCap
SR201C104KAR AVX-SR201C104KAR Datasheet
262Kb / 8P
Radial Leads/SkyCap
logo
Frontier Electronics.
18402 FRONTIER-18402_15 Datasheet
141Kb / 2P
RADIAL LEADS INDUCTORS
logo
TT Electronics.
PWR TTELEC-PWR Datasheet
220Kb / 2P
Radial leads for PC mount
PWRG TTELEC-PWRG Datasheet
248Kb / 2P
Radial leads for PC mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com