Electronic Components Datasheet Search
  English  ▼

X  

PWRL Datasheet(PDF) 2 Page - TT Electronics.

Part # PWRL
Description  Radial leads for PC mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PWRL Datasheet(HTML) 2 Page - TT Electronics.

  PWRL Datasheet HTML 1Page - TT Electronics. PWRL Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Low Resistance Stand-Up
Power Wirewound Resistor
PWRL Series
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Temperature Rise Chart
300
200
100
0
0
20
40
60
80
100
120
Rated Power (%)
PWRL - 7, 10
PWRL - 3, 5
Power Derating Curve
100
80
60
40
0
50
100
150
200
250
Rated Power (%)
PWRL - 7, 10
20
0
85
25
PWRL - 3, 5
Sample Part No.
IRC Type
Power
Resistance Range
Tolerance
Ordering Data
PWRL
10
0.01
10%
Low Resistance Stand-Up
Power Wirewound Resistor
PWRL Series Issue November 2008 Sheet 2 of 2
Ordering Procedure
This product has two valid part numbers:
European (Welwyn) Part Number: PWRL3-R01JI (PWRL3, 10 milliohms ±5%, Pb-free)
P W R L
3
-
R
0
1
J
I
1
2
3
4
USA (IRC) Part Number: PWRL3R010JLF (PWRL3, 10 milliohms ±5%, Pb-free)
P W R L
3
R 0
1
0
J
L
F
1
2
3
4
1
2
3
4
Type
Value
Tolerance Packing & Termination Finish
PWRL3 R = ohms F* = ±1%
I = Standard packing & Pb-free
PWRL5
G = ±2%
Bulk pack
PWRL7
H = ±3%
PWRL10
J* = ±5%
K = ±10%
* preferred
1
2
3
4
Type
Value
Tolerance Packing & Termination Finish
PWRL3 R = ohms F* = ±1%
Omit for SnPb
PWRL5
G = ±2%
LF = Pb-free
PWRL7
H = ±3%
Bulk pack
PWRL10
J* = ±5%
K = ±10%
* preferred
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com