Electronic Components Datasheet Search
  English  ▼

X  

QDN004 Datasheet(PDF) 2 Page - TT Electronics.

Part # QDN004
Description  Unidirectional & bidirectional confi gurations
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

QDN004 Datasheet(HTML) 2 Page - TT Electronics.

  QDN004 Datasheet HTML 1Page - TT Electronics. QDN004 Datasheet HTML 2Page - TT Electronics. QDN004 Datasheet HTML 3Page - TT Electronics. QDN004 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Low Capacitance
TVS Diode Array
QDN004LF Series
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Low Capacitance
TVS Diode Array
Schematic Data
Unidirectional Schematic
Bidirectional Schematic
Peak Pulse Power
(t
p = 8/20µs)
Operating
Temperature
Storage
Temperature
Forward Voltage
50mA
300µs - Square Wave
Solder Temperature
(10 seconds)
P
pp
T
J
T
STG
V
F
T
II
500W
-55°C to +150°C
-55°C to +150°C
1.5
260°C
Maximum Ratings
50
150
250
350
450
550
650
750
850
950 1050
Frequency (MHz)
40dB
20dB
0dB (ref)
-20dB
-40dB
Insertion Loss Characteristics
Return Loss Characteristics
40dB
20dB
0dB (ref)
-20dB
-40dB
50
150
250
350
450
550
650
750
850
950 1050
Frequency (MHz)
Loss Characteristic Data
0
5
10
15
20
25
30
t
f
e-t
Overshoot and Clamping Voltage
25kV 1/30ns waveform ESD Pulse Test
0
100
200
-200
-100
Time (µs)
40
30
20
10
0
Pulse Waveform
I @ t = 8µs
PP
f
½I @ t = 20µs
PP
d
Waveform Parameters
Time t (us)
100
80
60
40
20
0
ESD Pulse Data
QDN004LF Series Issue September 2010 Sheet 2 of 4
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com